Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4035G Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. SS4035G Datasheet HTML 10Page - Silicon Standard Corp. SS4035G Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.SiliconStandard.com
7 of 11
SS4035G
1/09/2006 Rev.3.01
CURRENT AND TEMPERATURE SENSING
6.8k
Ω
AVDD
16
CCTL
5
VDD
13
TESTIN
3
CLED
1
TESTOUT
4
CFLED
2
V2
12
S3
15
BA2
18
S2
20
V1
11
S1
19
BA1
17
RES
7
FC
6
ROSC
14
T
9
GND
8
I
10
SS4035G
50m
Ω
VDD
VDD
10k
Ω
Figure 3 shows the current sense and temperature
sensor. When a 103AT thermistor and a 6.8k resistor
detect circuit. The SS4035G monitors the charging
are used as recommended, the maximumum
current by sensing at pin I (10) the voltage drop
temperature, high temperature, resume temperature,
across a small resistor, connected between VSS
low temperature and minimum temperature are
(battery negative) and GND (charger ground). The
60°C, 50°C, 45°C, 5°C and 10°C respectively. The
value of this resistor should be between 50m
Ω
value of the resistor must be changed if a different
and 150m
Ω. To detect the temperature, a negative
thermistor is used. To disable temperature sensing,
temperature coefficient thermistor is used as a .
pin T (9) must be connected to VDD.
CELL VOLTAGE DETECTION AND BALANCING CONTROL
10k
Ω
10k
Ω
P-channel
MOSFET
NPN
NPN
AVDD
16
CCTL
5
VDD
13
TESTIN
3
CLED
1
TESTOUT
4
CFLED
2
V2
12
S3
15
BA2
18
S2
20
V1
11
S1
19
BA1
17
RES
7
FC
6
ROSC
14
T
9
GND
8
I
10
SS4035G
Rb
Rb
470k
Ω
R13 51k
Ω
51k
Ω
R14
51k
Ω
VDD
Figure 4 shows the cell voltage detection and cell
guarantees that the input voltage on pin V2 (12) will
balancing circuit. The pack voltage is divided by two
not exceed VDD. When the cell voltage is above the
(by using equal value resistors, R13 and R14). This
“Balancing Threshold”, balance control is activated.
Figure 4. Voltage Sense and Balancing Control
Figure 3. Current Sense and Temperature Sensor
103AT
P-channel
MOSFET
470k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com