Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4035G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS4035G Datasheet HTML 1Page - Silicon Standard Corp. SS4035G Datasheet HTML 2Page - Silicon Standard Corp. SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.SiliconStandard.com
3 of 11
SS4035G
1/09/2006 Rev.3.01
ABSOLUTE MAXIMUM RATINGS
DC Voltage ………… -0.3V to +7.0V
Storage Temperature…………... -55°C to +125°C
I/O Voltage…... (GND-0.3V) TO (VDD+0.3V)
Operating Temperature………... -40°C to +85°C
* Stresses beyond those listed as “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating
condition for an extended period may affect device reliability.
ELECTRICAL CHARACTERISTICS
VDD = 4.5V – 5.5V, GND = 0V, TA = 25°C,, fosc = 8MHz, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max
Unit
Condition
Operating Voltage
VDD
4.5
5.0
5.5
V
Operating Current
IOP
-
1.5
2
mA
No load, no ADC
Standby Current
ISB
-
-
1
uA
No load, no ADC, no WDT,
no LVR
Input Low Voltage
VIL1
GND
-
0.2*
VDD
V
All I/O, except RES
Input Low Voltage
VIL2
GND
-
0.15*
VDD
V
RES
Input High Voltage
VIH1
0.8*VDD
-
VDD
V
All I/O, except RES
Input High Voltage
VIH2
0.85*VDD
-
VDD
V
RES
Input Leakage
Current
IIL
-1
-
1
uA
Input pins, Vin=VDD or GND
Output High Voltage
VOH
VDD-0.7
-
-
V
All I/O, IOH=-10mA
Output Low Voltage
VOL
-
-
GND
+0.6
V
All I/O, IOL=20mA
Analog Input
Ain
GND
VDD
V
T, I, V1, V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com