Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4035G Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. SS4035G Datasheet HTML 10Page - Silicon Standard Corp. SS4035G Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.SiliconStandard.com
8 of 11
SS4035G
1/09/2006 Rev.3.01
If
any cell voltage is greater than the other by 0.02V
transistor and sends a small current through resistor
or more, the corresponding balance control output
Rb. This slows down charging of the corresponding cell.
goes high. It then turns on the corresponding by-pass
The balance circuit turns off when the cells are balanced.
CHARGING CONTROL
AVDD
16
CCTL
5
VDD
13
TESTIN
3
CLED
1
TESTOUT
4
CFLED
2
V2
12
S3
15
BA2
18
S2
20
V1
11
S1
19
BA1
17
RES
7
FC
6
ROSC
14
T
9
GND
8
I
10
U?
SS4035G
1k
Ω
3.3k
Ω
10k
Ω
NPN
CAP
V+
VB+
VDD
Figure 5 shows the linear charger mode for the
MOSFET which is operating in the active region.
SS4035G. The output of pin CCTL (5) is a pulse-
This P-channel MOSFET must be chosen carefully
width modulated (PWM) signal. This signal is
to handle the required power dissipation.
translated to a DC voltage to control the P-channel
DIGITAL CONTROLS
AVDD
16
CCTL
VDD
13
TESTIN
CLED
1
TESTOUT
CFLED
2
V2
S3
15
BA2
S2
20
V1
S1
19
BA1
RES
7
FC
ROSC
14
T
GND
8
I
SS4035G
3K
3K
47K 8.6K
LED
LED
1nF
VDD
Figure 6 shows the connections for the digital pins
have internal pull-ups. Table 1 shows the options
for the SS4035G. Selection pins S1, S2 and S3
for selecting the required voltage for Isense.
Figure 5. Charging Control
Figure 6. Current Selection and Logic Control
P-channel
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com