Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84041P Datasheet(PDF) 4 Page - Xicor Inc.

Part # X84041P
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041P Datasheet(HTML) 4 Page - Xicor Inc.

  X84041P Datasheet HTML 1Page - Xicor Inc. X84041P Datasheet HTML 2Page - Xicor Inc. X84041P Datasheet HTML 3Page - Xicor Inc. X84041P Datasheet HTML 4Page - Xicor Inc. X84041P Datasheet HTML 5Page - Xicor Inc. X84041P Datasheet HTML 6Page - Xicor Inc. X84041P Datasheet HTML 7Page - Xicor Inc. X84041P Datasheet HTML 8Page - Xicor Inc. X84041P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
X84041
4
Figure 2. Write Sequence
CE
OE
WE
I/O (IN)
"0"
"0"
"1"
RESET
LOAD ADDRESS
LOAD DATA
START
NONVOLATILE
WRITE
X
XXXXX
X A8
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
I/O (OUT)
2704 ILL F04
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW to
HIGH
Will change
from LOW to
HIGH
May change
from HIGH to
LOW
Will change
from HIGH to
LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
Write Protection
The following circuitry has been included to prevent
inadvertent nonvolatile writes:
— The internal Write Enable latch is reset upon
power-up.
— A reset sequence must be issued to set the internal
write enable latch before starting a write sequence.
— A special “start nonvolatile write” command
sequence is required to start a nonvolatile write
cycle.
— The internal Write Enable latch is reset automatically
at the end of a nonvolatile write cycle.
— The internal Write Enable latch is reset and remains
reset as long as the
WP pin is LOW, which blocks all
nonvolatile write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com