Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84041P Datasheet(PDF) 6 Page - Xicor Inc.

Part # X84041P
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041P Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X84041P Datasheet HTML 2Page - Xicor Inc. X84041P Datasheet HTML 3Page - Xicor Inc. X84041P Datasheet HTML 4Page - Xicor Inc. X84041P Datasheet HTML 5Page - Xicor Inc. X84041P Datasheet HTML 6Page - Xicor Inc. X84041P Datasheet HTML 7Page - Xicor Inc. X84041P Datasheet HTML 8Page - Xicor Inc. X84041P Datasheet HTML 9Page - Xicor Inc. X84041P Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X84041
6
D.C. OPERATING CHARACTERISTICS (VCC = 3V ±10%)
(Over the recommended operating conditions, unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
250
µA
OE = VIL, WE = VIH,
I/O = Open,
CE clocking @ 2MHz
ICC2
VCC Supply Current (Write)
1
mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
10
µA
CE = VCC, Other Inputs = VCC or VSS
VCC = 3V ±10%
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VlL(1)
Input LOW Voltage
–1
VCC x 0.3
V
VIH(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 1mA, VCC = 3V ±10%
VOH
Output HIGH Voltage
VCC – 0.4
V
IOH = –400µA, VCC = 3V ±10%
2704 PGM T05.2
Notes: (2) Periodically sampled, but not 100% tested.
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(3)
Power-up to Read Operation
2
ms
tPUW(3)
Power-up to Write Operation
5
ms
2704 PGM T07
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
5ns
Input and Output
VCC x 0.5
Timing Levels
2704 PGM T08.1
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
CAPACITANCE
TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
8
pF
VI/O = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
2704 PGM T06.2
Notes: (3) Time delays required from the time the VCC is stable until the specific operation can be initiated.
Periodically sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com