Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84041P Datasheet(PDF) 7 Page - Xicor Inc.

Part # X84041P
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041P Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X84041P Datasheet HTML 3Page - Xicor Inc. X84041P Datasheet HTML 4Page - Xicor Inc. X84041P Datasheet HTML 5Page - Xicor Inc. X84041P Datasheet HTML 6Page - Xicor Inc. X84041P Datasheet HTML 7Page - Xicor Inc. X84041P Datasheet HTML 8Page - Xicor Inc. X84041P Datasheet HTML 9Page - Xicor Inc. X84041P Datasheet HTML 10Page - Xicor Inc. X84041P Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X84041
7
EQUIVALENT A.C. LOAD CIRCUITS
Notes: (4) Periodically sampled, but not 100% tested. tHZ and tOHZ are measured from the point where CE or OE goes
HIGH (whichever occurs first) to the time when I/O is no longer being driven into a 5pF load.
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits – X84041
VCC = 5V ±10%
VCC = 3V ±10%
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
300
300
ns
tCE
CE Access Time
45
65
ns
tOE
OE Access Time
45
65
ns
tLOW
CE LOW Time
70
70
ns
tHIGH
CE HIGH Time
70
70
ns
tLZ(4)
CE LOW to Output In Low Z
0
0
ns
tHZ(4)
CE HIGH to Output In High Z
0
30
0
35
ns
tOLZ(4)
OE LOW to Output In Low Z
0
0
ns
tOHZ(4)
OE HIGH to Output In High Z
0
30
0
35
ns
tOH
Output Hold from
CE or OE HIGH
0
0
ns
tWES
WE HIGH Setup Time
25
25
ns
tWEH
WE HIGH Hold Time
25
25
ns
2704 PGM T09.3
5V
30pF
2.06K
3.03K
OUTPUT
2704 ILL F05.2
3V
30pF
2.39K
4.58K
OUTPUT
2704 ILL F05a.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com