Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT12 Datasheet(PDF) 4 Page - Analog Devices

Part # MAT12
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 4 Page - Analog Devices

  MAT12 Datasheet HTML 1Page - Analog Devices MAT12 Datasheet HTML 2Page - Analog Devices MAT12 Datasheet HTML 3Page - Analog Devices MAT12 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAT12
Preliminary Technical Data
Rev. PrA | Page 4 of 4
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Collector-Base Voltage (BVCBO)
Collector-Emitter Voltage (BVCEO)
Collector-Collector Voltage (BVCC)
Emitter-Emitter Voltage (BVEE)
40 V
40V
40V
40V
Collector Current (IC)
20 mA
Emitter Current (IE)
20 mA
Storage Temperature Range H Packages
−65°C to +150°C
Operating Temperature Range
−25°C to +85°C
Junction Temperature Range RM, CP Packages
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 Differential input voltage is limited to 5 V or the supply voltage, whichever
is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
TO-78 (H)
TBD
TBD
ºC/W
ESD CAUTION
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR09044-0-4/10(PrA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com