Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT12 Datasheet(PDF) 2 Page - Analog Devices

Part # MAT12
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 2 Page - Analog Devices

  MAT12 Datasheet HTML 1Page - Analog Devices MAT12 Datasheet HTML 2Page - Analog Devices MAT12 Datasheet HTML 3Page - Analog Devices MAT12 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAT12
Preliminary Technical Data
Rev. PrA | Page 2 of 4
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS; VCB = 15V
VCB = 15 V, IO = 10μA, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Gain
hFE
IC = 1mA (note 1)
-25ºC≤TA≤+85ºC
IC = 100μA
-25ºC≤TA≤+85ºC
IC = 10μA
-25ºC≤TA≤+85ºC
IC = 1μA
-25ºC≤TA≤+85ºC
500
325
500
275
400
225
300
200
605
590
550
485
Current Gain Match
ΔhFE
10μA ≤ IC ≤ 1mA (note 2)
0.5
2
%
Noise Voltage Density
eN
IC = 1mA, VCB = 0 (note 3)
f O= 10Hz
f O= 100Hz
f O= 1kHz
f O= 10kHz
1.6
0.9
0.85
0.85
2
1
1
1
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Offset Voltage
VOS
VCB = 0, 1μA ≤ IC ≤ 1mA
-25ºC≤TA≤+85ºC
10
50
70
μV
uV
Offset Voltage Change vs. VCB
ΔVOS/ΔVCB
0 ≤ VCB ≤ VMAX (note 4)
1μA ≤ IC ≤ 1mA (note 5)
10
25
μV
Offset Voltage Change vs. IC
Offset Voltage Drift
Breakdown Voltage
ΔVOS/ΔIC
ΔVOS/ΔT
BVCEO
1μA ≤ IC ≤ 1mA (note 5),
VCB=0
-25ºC≤TA≤+85ºC
-25ºC≤TA≤+85ºC, VOS
trimmed to zero
40
5
0.08
0.03
25
0.3
0.3
μV
μV/ ºC
μV/ ºC
V
Gain-Bandwidth Product
fT
IC = 100mA, VCE = 10V
200
MHz
Collector-Base Leakage Current
ICBO
VCB=VMAX
-25ºC≤TA≤+85ºC
25
2
200
pA
nA
Collector-Collector Leakage Current
ICC
VCC=VMAX (notes 6,7)
-25ºC≤TA≤+85ºC
35
3
200
pA
nA
Collector-Emitter Leakage Current
ICES
VBE=0 (notes 6,7)
-25ºC≤TA≤+85ºC
35
3
200
pA
nA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com