Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT12 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT12
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 3 Page - Analog Devices

  MAT12 Datasheet HTML 1Page - Analog Devices MAT12 Datasheet HTML 2Page - Analog Devices MAT12 Datasheet HTML 3Page - Analog Devices MAT12 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Technical Data
MAT12
Rev. PrA | Page 3 of 4
Input Bias Current
IB
IC = 10μA
-25ºC≤TA≤+85ºC
25
45
nA
nA
Input Offset Current
IOS
IC = 10μA
-25ºC≤TA≤+85ºC
0.6
8
nA
nA
Input Offset Current Drift
ΔIOS/ΔT
IC=10μA (note 6)
-25ºC≤TA≤+85ºC
40
90
pA/ºC
Offset Current Change vs. VCB
ΔIOS/ΔVCB
0 ≤ VCB ≤ VMAX (note 4)
30
70
pA/V
Collector Saturation Voltage
VCE(SAT)
IC = 1mA, IB=100μA
0.05
0.1
V
Output Capacitance
COB
VCB=15V, IE=0
23
pF
Bulk Resistance
rBE
10μA≤IC≤10mA (note6)
0.3
0.5
Ω
Collector-Collector Capacitance
CCC
VCC = 0
35
pF
Notes:
1.
Current gain is guaranteed with Collector-Base Voltage (VCB) swept from 0 to VMAX at the indicated collector currents.
2.
Current Gain Match (ΔhFE) defined as: ΔhFE = (100(ΔIB)( hFE min)/IC)
3.
Noise Voltage Density is guaranteed, but not 100% tested
4.
This is the maximum change in VOS as VCB is swept from 0V to 40V.
5.
Measured at IC=10μA and guaranteed by design over the specified range of IC
6.
Guaranteed by Design
7.
ICC and ICES are verified by measurement of ICBO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com