Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT12 Datasheet(PDF) 1 Page - Analog Devices

Part # MAT12
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 1 Page - Analog Devices

  MAT12 Datasheet HTML 1Page - Analog Devices MAT12 Datasheet HTML 2Page - Analog Devices MAT12 Datasheet HTML 3Page - Analog Devices MAT12 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise, Matched
Dual Monolithic Transistor
Preliminary Technical Data
MAT12
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
PIN CONFIGURATION
Low offset voltage (VOS): 50 μV max
Very Low Voltage Noise: 1nV/
√Hz max @ 100Hz
High Gain (hFE):
500 min at IC = 1mA
300 min at IC = 1μA
Excellent Log Conformance: rBE = 0.3 Ω
Low Offset Voltage Drift: 0.1 μV/ºC max
High Gain Bandwidth Product: 200MHz
Note: Substrate is connected to case on TO-78 package. Substrate is
normally connected to the most negative circuit potential, but can
be floated
GENERAL DESCRIPTION
The design of the MAT12 series of NPN dual monolithic transistors is optimized for very low noise, low drift and
low rBE. Exceptional characteristics of the MAT12 include offset voltage of 50 µV max and high current gain (hFE)
which is maintained over a wide range of collector current. Device performance is specified over the full
temperature range as well as at 25
°C.
Input protection diodes are provided across the emitter-base junctions to prevent degradation of the device
characteristics due to reverse-biased emitter current. The substrate is clamped to the most negative emitter by the
parasitic isolation junction created by the protection diodes. This results in complete isolation between the
transistors.
The MAT12 is ideal for applications where low noise is a priority. The MAT12 can be used as an input
stage to make an amplifier with noise voltage of less than 1.0 nV/
√Hz at 100 Hz. Other applications, such as
log/antilog circuits, may use the excellent logging conformity of the MAT12. Typical bulk resistance is only 0.3
Ω to 0.4 Ω. The MAT12 electrical characteristics approach those of an ideal transistor when operated over a
collector current range of 1µA to 10 mA.


Similar Part No. - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
MAT12 AD-MAT12 Datasheet
266Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. A
logo
Glamox
MAT123387 GLAMOX-MAT123387 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 830 45°/GL
MAT123388 GLAMOX-MAT123388 Datasheet
132Kb / 2P
MATE-SC80 WH IP65 1000HF 830 45°/GL
MAT123389 GLAMOX-MAT123389 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 840 45°/GL
More results

Similar Description - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com