Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC83000IPWRQ1 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 28Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 29Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 30Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 31Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 32Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 33Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 34Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 35Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Table 25. Over-Pressure Thresholds at Over-Pressure Gain = 2.6
OVER-PRESSURE THRESHOLD
DATA
MIN VALUE
TYPICAL VALUE
MAX VALUE
TRHS(3:0)
0000
-20%
8.42 mV
20%
0001
-20%
9.47 mV
20%
0010
-20%
10.53 mV
20%
0011
-20%
11.57 mV
20%
0100
-20%
12.63 mV
20%
0101
-20%
13.67 mV
20%
0110
-20%
14.73 mV
20%
TRHSGAIN = 2
0111
-20%
15.78 mV
20%
Error due to coarse offset value should be
1000
-10%
16.84 mV
10%
taken into account.
1001
-10%
17.89 mV
10%
Input referred.
1010
-10%
18.94 mV
10%
1011
-10%
19.99 mV
10%
1100
-10%
21.04 mV
10%
1101
-10%
22.10 mV
10%
1110
-10%
23.15 mV
10%
1111
-10%
24.21 mV
10%
Table 26. Over-Pressure Thresholds at Over-Pressure Gain = 2.8
OVER-PRESSURE THRESHOLD
DATA
MIN VALUE
TYPICAL VALUE
MAX VALUE
TRHS(3:0)
0000
-20%
7.93 mV
20%
0001
-20%
8.92 mV
20%
0010
-20%
9.91 mV
20%
0011
-20%
10.89 mV
20%
0100
-20%
11.88 mV
20%
0101
-20%
12.87 mV
20%
0110
-20%
13.87 mV
20%
TRHSGAIN = 3
0111
-20%
14.86 mV
20%
Error due to coarse offset value should be
1000
-10%
15.85 mV
10%
taken into account.
1001
-10%
16.84 mV
10%
Input referred.
1010
-10%
17.82 mV
10%
1011
-10%
18.82 mV
10%
1100
-10%
19.81 mV
10%
1101
-10%
20.80 mV
10%
1110
-10%
21.79 mV
10%
1111
-10%
22.78 mV
10%
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com