Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC83000IPWRQ1 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 21Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 22Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 23Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 24Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 25Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 26Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 27Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 28Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
Calibration Read Data Frames
7
6
5
4
3
2
1
0
D43
D42
D41
D40
D39
D38
D37
D36
•
•
•
D3
D2
D1
D0
NU
NU
NU
NU
First Frame
Dx
Bits 7-0
Microcontroller reads data from the designated address in the device (from EEPROM). See Table 3 for list of
valid addresses.
Second through (n – 1) Frame (where n = 2 to 6)
Dx
Bits 7-0
Microcontroller reads data from the designated address in the device (from EEPROM). The number of frames
sent depends on the size of the data.
Frame n (where n = 2 to 6)
Dx
Bits 7-4
Microcontroller reads data from the designated address in the device (from EEPROM).
NU
Bits 3-0
Not used. Set to 0.
Figure 12. Calibration Read Data Frames
Table 17. Profile of Calibration Read Data Frames (Field Mode Addressing)
FIELD
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
FIELD NAME
FRAME
MODE
LENGTH
(BANK ADDRESS)
NO.
DATA
ADDRESS
1
SENID(43)
SENID(42)
SENID(41)
SENID(40)
SENID(39)
SENID(38)
SENID(37)
SENID(36)
2
SENID(35)
SENID(34)
SENID(33)
SENID(32)
SENID(31)
SENID(30)
SENID(29)
SENID(28)
3
SENID(27)
SENID(26)
SENID(25)
SENID(24)
SENID(23)
SENID(22)
SENID(21)
SENID(20)
Sensor ID
0000
(43:0)
4
SENID(19)
SENID(18)
SENID(17)
SENID(16)
SENID(15)
SENID(14)
SENID(13)
SENID(12)
5
SENID(11)
SENID(10)
SENID(9)
SENID(8)
SENID(7)
SENID(6)
SENID(5)
SENID(4)
6
SENID(3)
SENID(2)
SENID(1)
SENID(0)
NU
NU
NU
NU
Position ID
0001
(1:0)
1
PSNID(1)
PSNID(0)
NU
NU
NU
NU
NU
NU
OP threshold
0010
(3:0)
1
TRHS(3)
TRHS(2)
TRHS(1)
TRHS(0)
NU
NU
NU
NU
OP timer
0011
(1:0)
1
TRDELAY(1)
TRDELAY(0)
NU
NU
NU
NU
NU
NU
TRHSGAIN(
TRHSGAIN(
TRHSGAIN(
OP gain
0100
(2:0)
1
NU
NU
NU
NU
NU
2)
1)
0)
CONF
CONF
CONF
CONF
Baud rate
0101
(3:0)
1
NU
NU
NU
NU
BPS(3)
BPS(2)
BPS(1)
BPS(0)
TRV
TRV
TRV
TRV
TRV
TRV
TRV
1
TRV OSC(9)
OSC(16)
OSC(15)
OSC(14)
OSC(13)
OSC(12)
OSC(11)
OSC(10)
Input Coarse offset
0110
(16:8)
2
TRVOSC
NU
NU
NU
NU
NU
NU
NU
Input fine offset
0111
(7:0)
1
TRVOSF(7)
TRVOSF(6)
TRVOSF(5)
TRVOSF(4)
TRVOSF(3)
TRVOSF(2)
TRVOSF(1)
TRVOSF()
Input offset first
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
order temperature
1000
(6:0)
1
TRTCVOS1
NU
VOS1(6)
VOS1(4)
VOS1(3)
VOS1(2)
VOS1(1)
VOS1(0)
coefficient
Input offset second
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
order temperature
1001
(6:0)
1
NU
VOS2(6)
VOS2(5)
VOS2(4)
VOS2(3)
VOS2(2)
VOS2(1)
VOS2(0)
coefficient
1
TRGAIN(8)
TRGAIN(7)
TRGAIN(6)
TRGAIN(5)
TRGAIN(4)
TRGAIN(3)
TRGAIN(2)
TRGAIN(1)
Gain adjust
1010
(8:0)
2
TRGAIN(0)
NU
NU
NU
NU
NU
NU
NU
Gain first order
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
temperature
1011
(5:0)
1
NU
NU
GAIN1(5)
GAIN1(4)
GAIN1(3)
GAIN1(2)
GAIN1(1)
GAIN1(0)
coefficient
1
TEMP0(11)
TEMP0(10)
TEMP0(9)
TEMP0(8)
TEMP0(7)
TEMP0(6)
TEMP0(5)
TEMP0(4)
Temperature sensor
1100
(11:0)
OUT 1
2
TEMP0(3)
TEMP0(2)
TEMP0(1)
TEMP0(0)
NU
NU
NU
NU
1
TEMP1(11)
TEMP1(10)
TEMP1(9)
TEMP1(8)
TEMP1(7)
TEMP1(6)
TEMP1(5)
TEMP1(4)
Temperature sensor
1101
(11:0)
OUT 2
2
TEMP1(3)
TEMP1(2)
TEMP1(1)
TEMP1(0)
NU
NU
NU
NU
1
TEMP2(11)
TEMP2(10)
TEMP2(9)
TEMP2(8)
TEMP2(7)
TEMP2(6)
TEMP2(5)
TEMP2(4)
Temperature sensor
1110
(11:0)
OUT 3
2
TEMP2(3)
TEMP2(2)
TEMP2(1)
TEMP2(0)
NU
NU
NU
NU
History of OP
1111
(3:0)
1
MTRHS(3)
MTRHS(2)
MTRHS(1)
MTRHS(0)
NU
NU
NU
NU
threshold
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com