Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC83000IPWRQ1 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 29Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 30Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 31Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 32Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 33Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 34Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 35Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 36Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
Table 27. Over-Pressure Thresholds at Over-Pressure Gain = 3.0
OVER-PRESSURE THRESHOLD
DATA
MIN VALUE
TYPICAL VALUE
MAX VALUE
TRHS(3:0)
0000
-20%
7.43 mV
20%
0001
-20%
8.36 mV
20%
0010
-20%
9.29 mV
20%
0011
-20%
10.21 mV
20%
0100
-20%
11.14 mV
20%
0101
-20%
12.07 mV
20%
0110
-20%
13.00 mV
20%
TRHSGAIN = 4
0111
-20%
13.93 mV
20%
Error due to coarse offset value should be
1000
-10%
14.86 mV
10%
taken into account.
1001
-10%
15.79 mV
10%
Input referred.
1010
-10%
16.71 mV
10%
1011
-10%
17.64 mV
10%
1100
-10%
18.57 mV
10%
1101
-10%
19.50 mV
10%
1110
-10%
20.43 mV
10%
1111
-10%
21.36 mV
10%
Table 28. Over-Pressure Thresholds at Over-Pressure Gain = 3.2
OVER-PRESSURE THRESHOLD
DATA
MIN VALUE
TYPICAL VALUE
MAX VALUE
TRHS(3:0)
0000
-20%
6.93 mV
20%
0001
-20%
7.80 mV
20%
0010
-20%
8.67 mV
20%
0011
-20%
9.53 mV
20%
0100
-20%
10.40 mV
20%
0101
-20%
11.27 mV
20%
0110
-20%
12.13 mV
20%
TRHSGAIN = 5
0111
-20%
13.00 mV
20%
Error due to coarse offset value should be
1000
-10%
13.87 mV
10%
taken into account.
1001
-10%
14.73 mV
10%
Input referred.
1010
-10%
15.59 mV
10%
1011
-10%
16.46 mV
10%
1100
-10%
17.33 mV
10%
1101
-10%
18.2 mV
10%
1110
-10%
19.07 mV
10%
1111
-10%
19.94 mV
10%
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com