Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC83000IPWRQ1 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 15Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 16Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 17Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 18Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 19Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 20Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 21Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 22Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
Table 11. Profile of Data Request Data Frames (Bank Mode Addressing) (continued)
FIELD NAME
FIELD
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
FRAME
(BANK
MODE
LENGTH
NO.
DATA
ADDRESS)
ADDRESS
ADC
ADC
TX RQ
1
ADC TMP(9)
ADC TMP(8)
ADC TMP(7)
ADC TMP(6)
ADC TMP(5)
ADC TMP(4)
ADC temperature
TMP(11)
TMP(10)
(11:0)
out
TX RQ
2
ADC TMP(3)
ADC TMP(2)
ADC TMP(1)
ADC TMP(0)
NU
NU
DIAG(1)
DIAG(0)
Calibration Mode – Data Write
Calibration Write Command Frames
7
6
5
4
3
2
1
0
PSNID(1)
PSNID(0)
WORDID
MODETYPE
DISPSN
0
0
PSNID(1)
PSNID(0)
WORDID
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
First Frame
PSNID[1:0]
Bits 7-6
Position ID of device on UART bus. Each device process information for one sensor. Four sensors can be
sensed on the UART bus. Position settings are defined in the EEPROM map.
00
Position 0
01
Position 1
10
Position 2
11
Position 3
WORDID
Bit 5
Frame ID of byte. 1 indicates frame 1 of 2.
MODETYPE
Bits 4-3
Select mode type within calibration mode
00
Data request
01
Calibration write
10
Calibration read
11
Mode select
DISPSN
Bit 2
Disable or enable position ID matching
0
Decode command only if position IDs match
1
Indicates global command. All devices decode command frame.
Reserved
Bits 1-0
Must be set to 0.
Second Frame
PSNID[1:0]
Bits 7-6
Position ID of device on UART bus. Each device process information for one sensor. Four sensors can be
sensed on the UART bus. Position settings are defined in the EEPROM map.
00
Position 0
01
Position 1
10
Position 2
11
Position 3
WORDID
Bit 5
Frame ID of byte. 0 indicates frame 2 of 2.
ADDR[4:0]
Bits 4-0
Address for bank or field mode addressing. See Table 3 for list of valid addresses.
Figure 9. Calibration Write Command Frames
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com