Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G99GD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC1G99GD
Description  Ultra-configurable multiple function gate; 3-state
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99GD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC1G99GD Datasheet HTML 12Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 13Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 14Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 15Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 16Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 17Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 18Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 19Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
74LVC1G99_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2010
16 of 29
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
ten
enable time
OE to Y; see Figure 22
[3]
VCC = 1.65 V to 1.95 V
-
5.7
-
2.0
25.2
32.0
ns
VCC = 2.3 V to 2.7 V
-
3.8
-
1.4
11.3
14.0
ns
VCC = 2.7 V
-
4.2
-
1.4
8.6
11.0
ns
VCC = 3.0 V to 3.6 V
-
3.5
-
1.4
7.0
9.0
ns
VCC = 4.5 V to 5.5 V
-
2.7
-
1.4
4.7
6.0
ns
tdis
disable time
OE to Y; see Figure 22
[4]
VCC = 1.65 V to 1.95 V
-
5.7
-
3.0
15.0
19.0
ns
VCC = 2.3 V to 2.7 V
-
3.6
-
2.0
5.8
7.3
ns
VCC = 2.7 V
-
4.5
-
2.0
6.6
8.2
ns
VCC = 3.0 V to 3.6 V
-
4.5
-
2.1
5.9
7.4
ns
VCC = 4.5 V to 5.5 V
-
3.4
-
1.0
4.5
5.6
ns
CPD
power dissipation
capacitance
per buffer (output enabled);
fi = 10 MHz; CL = 50 pF;
VI = GND to VCC
[5]
VCC = 1.65 V to 1.95 V
-
14
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
16
-
-
-
-
pF
VCC = 2.7 V
-
18
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
25
-
-
-
-
pF
VCC = 4.5 V to 5.5 V
-
30
-
-
-
-
pF
Table 24.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 23.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com