Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G99GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G99GD
Description  Ultra-configurable multiple function gate; 3-state
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G99GD Datasheet HTML 1Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 2Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 3Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 4Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 5Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 6Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 7Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 8Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The 74LVC1G99 provides a low voltage, ultra-configurable, multiple function gate with
3-state output. The device can be configured as one of several logic functions including,
AND, OR, NAND, NOR, XOR, XNOR, inverter, buffer and MUX. No external components
are required to configure the device as all inputs can be connected directly to VCC or
GND. The 3-state output is controlled by the output enable input (OE). A HIGH level at OE
causes the output (Y) to assume a high-impedance OFF-state. When OE is LOW, the
output state is determined by the signals applied to the Schmitt-trigger inputs (A, B, C and
D).
Due to the use of Schmitt-trigger inputs the device is tolerant of slowly changing input
signals, transforming them into sharply defined, jitter free output signals. By eliminating
leakage current paths to VCC and GND, the inputs and disabled output are also
over-voltage tolerant, making the device suitable for mixed-voltage applications.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74LVC1G99 is fully specified over the supply range from 1.65 V to 5.5 V.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant inputs for interfacing with 5 V logic
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
±24 mA output drive (V
CC =3.0 V)
CMOS low power consumption
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Inputs accept voltages up to 5 V
Multiple package options
Specified from
−40 °Cto+85 °C and −40 °C to +125 °C.
74LVC1G99
Ultra-configurable multiple function gate; 3-state
Rev. 04 — 16 April 2010
Product data sheet


Similar Part No. - 74LVC1G99GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G99GF NEXPERIA-74LVC1G99GF Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99GM NXP-74LVC1G99GM Datasheet
137Kb / 26P
Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
logo
Nexperia B.V. All right...
74LVC1G99GN NEXPERIA-74LVC1G99GN Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
74LVC1G99GS NEXPERIA-74LVC1G99GS Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99GT NXP-74LVC1G99GT Datasheet
137Kb / 26P
Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
More results

Similar Description - 74LVC1G99GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com