Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G99GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC1G99GD
Description  Ultra-configurable multiple function gate; 3-state
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1G99GD Datasheet HTML 10Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 11Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 12Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 13Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 14Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 15Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 16Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 17Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
74LVC1G99_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2010
14 of 29
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
10. Static characteristics
Table 23.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
Tamb = −40 °C to +85 °C
VOH
HIGH-level output voltage
VI =VT+ or VT−
IO = −100 μA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4mA; VCC = 1.65 V
1.2
-
-
V
IO = −8mA; VCC = 2.3 V
1.9
-
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level output voltage
VI =VT+ or VT−
IO =100 μA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO =4mA; VCC = 1.65 V
-
-
0.45
V
IO =8mA; VCC = 2.3 V
-
-
0.3
V
IO =12mA; VCC = 2.7 V
-
-
0.4
V
IO =24mA; VCC = 3.0 V
-
-
0.55
V
IO =32mA; VCC = 4.5 V
-
-
0.55
V
II
input leakage current
VCC = 0 V to 5.5 V; VI =5.5 V orGND
-
±0.1
±5
μA
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL;
VO = 5.5 V or GND
-
±0.1
±10
μA
IOFF
power-off leakage current
VCC = 0 V; VI or VO =5.5 V
-
±0.1
±10
μA
ICC
supply current
VCC = 1.65 V to 5.5 V;
VI = 5.5 V or GND; IO =0A
-0.1
10
μA
ΔI
CC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO =0 A
-5
500
μA
CI
input capacitance
VCC = 3.3 V; VI = GND to VCC
-2.5
-
pF
Tamb = −40 °C to +125 °C
VOH
HIGH-level output voltage
VI =VT+ or VT−
IO = −100 μA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4mA; VCC = 1.65 V
0.95
-
-
V
IO = −8mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
VOL
LOW-level output voltage
VI =VT+ or VT−
IO =100 μA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO =4mA; VCC = 1.65 V
-
-
0.70
V
IO =8mA; VCC = 2.3 V
-
-
0.45
V
IO =12mA; VCC = 2.7 V
-
-
0.60
V
IO =24mA; VCC = 3.0 V
-
-
0.80
V
IO =32mA; VCC = 4.5 V
-
-
0.80
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com