Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G17GD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC3G17GD
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G17GD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC3G17GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 10Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 11Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 12Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 13Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 14Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 15Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
74LVC3G17_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 6 June 2008
12 of 18
NXP Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
Fig 15. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com