Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAST
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAST Datasheet(HTML) 5 Page - Texas Instruments

  PTH04070WAST Datasheet HTML 1Page - Texas Instruments PTH04070WAST Datasheet HTML 2Page - Texas Instruments PTH04070WAST Datasheet HTML 3Page - Texas Instruments PTH04070WAST Datasheet HTML 4Page - Texas Instruments PTH04070WAST Datasheet HTML 5Page - Texas Instruments PTH04070WAST Datasheet HTML 6Page - Texas Instruments PTH04070WAST Datasheet HTML 7Page - Texas Instruments PTH04070WAST Datasheet HTML 8Page - Texas Instruments PTH04070WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (5-V INPUT)(1)(2)
0
0.5
1
1.5
2
2.5
3
50
60
70
80
90
100
VO = 3.3 V V
O = 2.5 V
VO = 2 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 1 V
IO − Output Current − A
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
IO − Output Current − A
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1
1.5
2
2.5
3
IO − Output Current − A
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
IO − Output Current − A
Airflow:
Nat Conv
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
EFFICIENCY
OUTPUT RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm
× 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 4.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com