Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAST Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAST
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAST Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH04070WAST Datasheet HTML 7Page - Texas Instruments PTH04070WAST Datasheet HTML 8Page - Texas Instruments PTH04070WAST Datasheet HTML 9Page - Texas Instruments PTH04070WAST Datasheet HTML 10Page - Texas Instruments PTH04070WAST Datasheet HTML 11Page - Texas Instruments PTH04070WAST Datasheet HTML 12Page - Texas Instruments PTH04070WAST Datasheet HTML 13Page - Texas Instruments PTH04070WAST Datasheet HTML 14Page - Texas Instruments PTH04070WAST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
Power-Up Characteristics
t − 10 ms/div
VI (1 V/div)
VO (1 V/div)
II (1 A/div)
Current Limit Protection
Thermal Shutdown
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
When configured per the standard application, the PTH04070W power module produces a regulated output
voltage following the application of a valid input source voltage. During power up, internal soft-start circuitry slows
the rate that the output voltage rises, thereby limiting the amount of in-rush current that can be drawn from the
input source. The soft-start circuitry introduces a short time delay (typically 10 ms) into the power-up
characteristic. This is from the point that a valid input source is recognized. Figure 10 shows the power-up
waveforms for a PTH04070W, operating from a 3-V input and with the output voltage adjusted to 1.8 V. The
waveforms were measured with a 2-A resistive load.
Figure 10. Power-Up Waveforms
The PTH04070W modules protect against load faults with a continuous current limit characteristic. Under a load
fault condition, the output current cannot exceed the current limit value. Attempting to draw current that exceeds
the current limit value causes the output voltage to be progressively reduced. Current is continuously supplied to
the fault until it is removed. Upon removal of the fault, the output voltage will promptly recover.
Thermal shutdown protects the module internal circuitry against excessively high temperatures. A rise in
temperature may be the result of a drop in airflow, a high ambient temperature, or a sustained current limit
condition. If the junction temperature of the internal components exceeds 150
°C, the module shuts down. This
reduces the output voltage to zero. The module will start up automatically, by initiating a soft-start power up when
the sensed temperature decreases 10
°C below the thermal shutdown trip point.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com