Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAST
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAST Datasheet(HTML) 3 Page - Texas Instruments

  PTH04070WAST Datasheet HTML 1Page - Texas Instruments PTH04070WAST Datasheet HTML 2Page - Texas Instruments PTH04070WAST Datasheet HTML 3Page - Texas Instruments PTH04070WAST Datasheet HTML 4Page - Texas Instruments PTH04070WAST Datasheet HTML 5Page - Texas Instruments PTH04070WAST Datasheet HTML 6Page - Texas Instruments PTH04070WAST Datasheet HTML 7Page - Texas Instruments PTH04070WAST Datasheet HTML 8Page - Texas Instruments PTH04070WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
at 25C free-air temperature, VI = 5 V, VO = 3.3 V, IO = IO(Max), C1 = 47 μF, C2 = 47 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
TA = 85°C, natural convection airflow
0
3
A
VI
Input voltage range
Over IO range
3
5.5
V
VO(tol)
Set-point voltage tolerance
TA = 25°C
±2 (1)
%VO
Temperature variation
-40
≤ TA ≤ +85°C
±0.5
%VO
Line regulation
Over VI range
±1
mV
Load regulation
Over IO range
±5
mV
Includes set-point, line, load,
Total output voltage variation
±3 (1)
%VO
–40
≤ TA ≤ +85°C
VI ≥ 4.5 V
0.9
3.6
VO(adj)
Output voltage adjust range
V
VI < 4.5 V
0.9
VI – 1.1
(2)
TA = 25°C, IO = 2 A
RSET = 475 Ω, VO = 3.3 V
(2)
92%
RSET = 2.32 kΩ, VO = 2.5 V V
(2)
90%
RSET = 4.87 kΩ, VO = 2 V
88%
η
Efficiency
RSET = 6.65 kΩ, VO = 1.8 V
87%
RSET = 11.5 kΩ, VO = 1.5 V
85%
RSET = 26.1 kΩ, VO = 1.2 V
82%
RSET = 84.5 kΩ, VO = 1 V
80%
Output voltage ripple
20 MHz bandwith
10
mVPP
IO(trip)
Overcurrent threshold
Reset, followed by autorecovery
7
A
C3 = 47
μF, 1 A/μs load step from 50% to
100% IOmax
Transient response
Recovery time
70
μs
VO over/undershoot
100
mV
VI = increasing
2.95
3
UVLO
Undervoltage lockout
V
VI = decreasing
2.7
2.8
Input high voltage (VIH)
VI – 0.5
Open (3)
V
Inhibit control (pin 5)
Input low voltage (VIL)
–0.2
0.6
Input low current (IIL)
–10
μA
II(stby)
Input standby current
Pin 5 connected to GND
1
mA
FS
Switching frequency
Over VI and IO ranges
700
kHz
External input capacitance
Ceramic type (C1)
47 (4)
μF
Ceramic type (C2)
47 (5)
200
μF
External output capacitance
Nonceramic type (C3)
47 (5)
560 (6)
Equivalent series resistance (nonceramic)
4 (7)
m
Ω
Per Bellcore TR-332, 50% stress,
MTBF
Calculated reliability
48
106 Hrs
TA = 40°C, ground benign
(1)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with with 100 ppm/
°C or better temperature stability.
(2)
The minimum input voltage is 3 V or (VO + 1.1) V, whichever is greater. A 5-V input bus is recommended for output voltages higher than
2 V.
(3)
This control pin has an internal pullup to the input voltage VI. If it is left open circuit, the module operates when input power is applied. A
small low-leakage (<100 nA) MOSFET is recommended for control. Do not tie the inhibit pin to VI or to another module's inhibit pin. See
the application section for further guidance.
(4)
An external 47-
μF ceramic capacitor is required across the input (VI and GND) for proper operation. Locate the capacitor close to the
module.
(5)
An external 47-
μF ceramic capacitor is required across the output (VO and GND) for proper operation. Locate the capacitor close to the
module. Adding another 47
μF of electrolytic capacitance close to the load improves the response of the regulator to load transients.
(6)
This is the calculated maximum capacitance. The minimum ESR limitation often results in a lower value. See the capacitor application
information for further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) capacitance. Use 7 m
Ω as the minimum when calculating the total equivalent
series resistance (ESR) using the max-ESR values specified by the capacitor manufacturer.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com