Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAST Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAST
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAST Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH04070WAST Datasheet HTML 8Page - Texas Instruments PTH04070WAST Datasheet HTML 9Page - Texas Instruments PTH04070WAST Datasheet HTML 10Page - Texas Instruments PTH04070WAST Datasheet HTML 11Page - Texas Instruments PTH04070WAST Datasheet HTML 12Page - Texas Instruments PTH04070WAST Datasheet HTML 13Page - Texas Instruments PTH04070WAST Datasheet HTML 14Page - Texas Instruments PTH04070WAST Datasheet HTML 15Page - Texas Instruments PTH04070WAST Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.ti.com
Output On/Off Inhibit
Inhibit
GND
GND
RSET
0.05 W
1%
C1
Ceramic
C2
Ceramic
PTH04070W
2
4
3
1
5
VO Adj
GND
VO
VIN
47-
µF
47-
µF
VI = 5 V
VO = 1.8 V
Inhibit
BSS138
Q1
6.65 k
L
O
A
D
t − 5 ms/div
VO (1 V/div)
II (1 A/div)
Q1, Vgs (10 V/div)
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
For applications requiring output voltage on/off control, the PTH04070W power module incorporates an output
on/off Inhibit control (pin 5). The inhibit feature can be used wherever there is a requirement for the output
voltage from the regulator to be turned off.
The power module functions normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with respect to GND.
Figure 11 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit control
has its own internal pullup to VI potential. An open-collector or open-drain device is recommended to control this
input.
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module will execute a soft-start power-up sequence. A regulated output voltage is produced within
20 msec. Figure 12 shows the typical rise in the output voltage, following the turn off of Q1. The turn off of Q1
corresponds to the fall in the waveform, Q1 Vgs. The waveforms were measured with a 2-A resistive load.
Figure 11. On/Off Inhibit Control Circuit
Figure 12. Power Up Response From Inhibit Control
12
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com