| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 84 page ![]() LPC2921_23_25_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 14 April 2010 22 of 84 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 6.11 General subsystem 6.11.1 General subsystem clock description The general subsystem is clocked by CLK_SYS_GESS, see Section 6.7.2. 6.11.2 Chip and feature identification The Chip/Feature ID (CFID) module contains registers which show and control the functionality of the chip. It contains an ID to identify the silicon and also registers containing information about the features enabled or disabled on the chip. The key features are: • Identification of product • Identification of features enabled The CFID has no external pins. 6.11.3 System Control Unit (SCU) The system control unit contains system-related functions.The key feature is configuration of the I/O port-pins multiplexer. It defines the function of each I/O pin of the LPC2921/2923/2925. The I/O pin configuration should be consistent with peripheral function usage. The SCU has no external pins. 6.11.4 Event router The event router provides bus-controlled routing of input events to the vectored interrupt controller for use as interrupt or wake-up signals. Key features: • Up to 16 level-sensitive external interrupt pins, including the receive pins of SPI, CAN, LIN, and UART, as well as the I2C-bus SCL pins plus three internal event sources. • Input events can be used as interrupt source either directly or latched (edge-detected). • Direct events disappear when the event becomes inactive. • Latched events remain active until they are explicitly cleared. • Programmable input level and edge polarity. • Event detection maskable. • Event detection is fully asynchronous, so no clock is required. The event router allows the event source to be defined, its polarity and activation type to be selected and the interrupt to be masked or enabled. The event router can be used to start a clock on an external event. The vectored interrupt-controller inputs are active HIGH. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |