Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 36Page - NXP Semiconductors LPC2921 Datasheet HTML 37Page - NXP Semiconductors LPC2921 Datasheet HTML 38Page - NXP Semiconductors LPC2921 Datasheet HTML 39Page - NXP Semiconductors LPC2921 Datasheet HTML 40Page - NXP Semiconductors LPC2921 Datasheet HTML 41Page - NXP Semiconductors LPC2921 Datasheet HTML 42Page - NXP Semiconductors LPC2921 Datasheet HTML 43Page - NXP Semiconductors LPC2921 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
LPC2921_23_25_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2010
40 of 84
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
6.14.7.1
Pin description
The QEI module in the MSCSS has the following pins. These are combined with other
functions on the port pins of the LPC2921/2923/2925. Table 23 shows the QEI pins.
Remark: The index function for the QEI is not pinned out on the LPC2921/2923/2925.
6.14.7.2
Clock description
The QEI module is clocked by CLK_MSCSS_QEI, see Section 6.7.2. The frequency of
this clock is identical to CLK_MSCSS_APB since they are derived from the same base
clock BASE_MSCSS_CLK.
If the QEI is not used its CLK_MSCSS_QEI branch clock can be switched off.
6.15 Power, Clock, and Reset control SubSystem (PCRSS)
The Power, Clock, and Reset control SubSystem (PCRSS) in the LPC2921/2923/2925
includes a Clock Generator Unit (CGU), a Reset Generator Unit (RGU) and a Power
Management Unit (PMU).
Figure 8 provides an overview of the PCRSS. An AHB-to-DTL bridge controls the
communication with the AHB system bus.
Table 23.
QEI pins
Symbol
Pin name
Direction
Description
QEI0 PHA
PHA0
IN
Sensor signal. Corresponds to PHA in
quadrature mode and to direction in
clock/direction mode.
QEI0 PHB
PHB0
IN
Sensor signal. Corresponds to PHB in
quadrature mode and to clock signal in
clock/direction mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com