Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 21Page - NXP Semiconductors LPC2921 Datasheet HTML 22Page - NXP Semiconductors LPC2921 Datasheet HTML 23Page - NXP Semiconductors LPC2921 Datasheet HTML 24Page - NXP Semiconductors LPC2921 Datasheet HTML 25Page - NXP Semiconductors LPC2921 Datasheet HTML 26Page - NXP Semiconductors LPC2921 Datasheet HTML 27Page - NXP Semiconductors LPC2921 Datasheet HTML 28Page - NXP Semiconductors LPC2921 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
LPC2921_23_25_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2010
25 of 84
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
• Pause input pin (MSCSS timers only).
The timers are designed to count cycles of the clock and optionally generate interrupts or
perform other actions at specified timer values, based on four match registers. They also
include capture inputs to trap the timer value when an input signal changes state,
optionally generating an interrupt. The core function of the timers consists of a 32 bit
prescale counter triggering the 32 bit timer counter. Both counters run on clock
CLK_TMRx (x runs from 0 to 3) and all time references are related to the period of this
clock. Note that each timer has its individual clock source within the Peripheral
SubSystem. In the Modulation and Sampling SubSystem each timer also has its own
individual clock source. See Section 6.15.5 for information on generation of these clocks.
6.12.3.1
Pin description
The four timers in the peripheral subsystem of the LPC2921/2923/2925 have the pins
described below. The two timers in the modulation and sampling subsystem have no
external pins except for the pause pin on MSCSS timer 1. See Section 6.14.6 for a
description of these timers and their associated pins. The timer pins are combined with
other functions on the port pins of the LPC2921/2923/2925, see Section 6.11.3. Table
Table 13 shows the timer pins (x runs from 0 to 3).
[1]
Note that CAP1[0] and CAP1[1] are not pinned out on Timer1.
6.12.3.2
Clock description
The timer modules are clocked by two different clocks; CLK_SYS_PESS and CLK_TMRx
(x = 0 to 3), see Section 6.7.2. Note that each timer has its own CLK_TMRx branch clock
for power management. The frequency of all these clocks is identical as they are derived
from the same base clock BASE_CLK_TMR. The register interface towards the system
bus is clocked by CLK_SYS_PESS. The timer and prescale counters are clocked by
CLK_TMRx.
6.12.4 UARTs
The LPC2921/2923/2925 contains two identical UARTs located at different peripheral
base addresses. The key features are:
• 16-byte receive and transmit FIFOs.
Table 13.
Timer pins
Symbol
Pin name
Direction
Description
TIMERx CAP[0]
CAPx[0]
IN
TIMERx capture input 0[1]
TIMERx CAP[1]
CAPx[1]
IN
TIMERx capture input 1[1]
TIMERx CAP[2]
CAPx[2]
IN
TIMERx capture input 2
TIMERx CAP[3]
CAPx[3]
IN
TIMERx capture input 3
TIMERx MAT[0]
MATx[0]
OUT
TIMERx match output 0
TIMERx MAT[1]
MATx[1]
OUT
TIMERx match output 1
TIMERx MAT[2]
MATx[2]
OUT
TIMERx match output 2
TIMERx MAT[3]
MATx[3]
OUT
TIMERx match output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com