| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 84 page ![]() LPC2921_23_25_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 14 April 2010 47 of 84 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 6.15.3 Clock generation for USB (CGU1) The CGU1 block is functionally identical to the CGU0 block and generates the clock for the USB interface and a dedicated output clock. The CGU1 block uses its own PLL and fractional divider. The PLLs used in CGU0 and CGU1 are identical (see Section 6.15.2.2). The clock input to the CGU1 PLL is provided by one of two base clocks generated in the CGU0: BASE_ICLK0_CLK or BASE_ICLK1_CLK. The base clock not used for the PLL can be configured to drive the output clock directly. 6.15.3.1 Pin description The CGU1 module in the LPC2921/2923/2925 has the pins listed in Table 25 below. 6.15.4 Reset Generation Unit (RGU) The RGU controls all internal resets. The key features of the Reset Generation Unit (RGU) are: • Reset controlled individually per subsystem • Automatic reset stretching and release • Monitor function to trace resets back to source Fig 12. Block diagram of the CGU1 PLL FDIV0 OUT 0 OUT 2 002aae250 clkout clkout120 clkout240 CLOCK GENERATION UNIT (CGU1) AHB TO DTL BRIDGE BASE_USB_CLK BASE_OUT_CLK BASE_ICLK1_CLK BASE_ICLK0_CLK Table 26. CGU1 pins Symbol Direction Description CLK_OUT OUT clock output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |