Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3131 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 24Page - NXP Semiconductors LPC3131 Datasheet HTML 25Page - NXP Semiconductors LPC3131 Datasheet HTML 26Page - NXP Semiconductors LPC3131 Datasheet HTML 27Page - NXP Semiconductors LPC3131 Datasheet HTML 28Page - NXP Semiconductors LPC3131 Datasheet HTML 29Page - NXP Semiconductors LPC3131 Datasheet HTML 30Page - NXP Semiconductors LPC3131 Datasheet HTML 31Page - NXP Semiconductors LPC3131 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
28 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
6.20 Random number generator
The Random Number Generator (RNG) generates true random numbers for use in
advanced security and Digital Rights Management (DRM) related schemes. These
schemes rely upon truly random, i.e. completely unpredictable numbers.
This module has the following features:
• True random number generator.
• The random number register does not rely on any kind of reset.
• The generators are free running in order to ensure randomness and security.
6.21 Serial Peripheral Interface (SPI)
The SPI module is used for synchronous serial data communication with other devices
which support the SPI/SSI protocol. Examples are memories, cameras, or WiFi-g.
The SPI/SSI-bus is a 5-wire interface, and it is suitable for low, medium, and high data rate
transfers.
This module has the following features:
• Supports Motorola SPI frame format with a word size of 8/16 bits.
• Texas Instruments SSI (Synchronous Serial Interface) frame format with a word size
of 4 bit to 16 bit.
• Receive FIFO and transmit FIFO of 64 half-words each.
• Serial clock rate master mode maximum 45 MHz.
• Serial clock rate slave mode maximum 25 MHz.
• Support for single data access DMA.
• Full-duplex operation.
• Supports up to three slaves.
• Supports maskable interrupts.
• Supports DMA transfers.
6.22 Universal Asynchronous Receiver Transmitter (UART)
The UART module supports the industry standard serial interface.
This module has the following features:
• Programmable baud rate with a maximum of 1049 kBd.
• Programmable data length (5 bit to 8 bit).
• Implements only asynchronous UART.
• Transmit break character length indication.
• Programmable one to two stops bits in transmission.
• Odd/Even/Force parity check/generation.
• Frame error, overrun error and break detection.
• Automatic hardware flow control.
• Independent control of transmit, receive, line status, data set interrupts, and FIFOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com