Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3131 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 49Page - NXP Semiconductors LPC3131 Datasheet HTML 50Page - NXP Semiconductors LPC3131 Datasheet HTML 51Page - NXP Semiconductors LPC3131 Datasheet HTML 52Page - NXP Semiconductors LPC3131 Datasheet HTML 53Page - NXP Semiconductors LPC3131 Datasheet HTML 54Page - NXP Semiconductors LPC3131 Datasheet HTML 55Page - NXP Semiconductors LPC3131 Datasheet HTML 56Page - NXP Semiconductors LPC3131 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
53 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
9.5 Crystal oscillator
9.6 SPI
Remark: Note that the signal names SCK, MISO, and MOSI correspond to signals on
pins SPI_SCK, SPI_MOSI, and SPI_MISO in the following SPI timing diagrams.
Table 20:
Dynamic characteristics: crystal oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fosc
oscillator frequency
10
12
25
MHz
δclk
clock duty cycle
45
50
55
%
Cxtal
crystal capacitance
input; on pin
FFAST_IN
--
2
pF
output; on pin
FFAST_OUT
-
-
0.74
pF
tstartup
start-up time
-
500
-
µs
Pdrive
drive power
100
-
500
µW
Table 21.
Dynamic characteristics of SPI pins
Tamb = −40 °C to +85 °C for industrial applications
Symbol
Parameter
Min
Typ
Max
Unit
SPI
master
TSPICYC
SPI cycle time
<tbd>
<tbd>
<tbd>
ns
tSPICLKH
SPICLK HIGH time
<tbd>
<tbd>
<tbd>
ns
tSPICLKL
SPICLK LOW time
<tbd>
<tbd>
<tbd>
ns
tSPIDSU
SPI data set-up time
<tbd>
<tbd>
<tbd>
ns
tSPIDH
SPI data hold time
<tbd>
<tbd>
<tbd>
ns
tSPIQV
SPI data output valid time
<tbd>
<tbd>
<tbd>
ns
tSPIOH
SPI output data hold time
<tbd>
<tbd>
<tbd>
ns
SPI slave
TSPICYC
SPI cycle time
<tbd>
<tbd>
<tbd>
ns
tSPICLKH
SPICLK HIGH time
<tbd>
<tbd>
<tbd>
ns
tSPICLKL
SPICLK LOW time
<tbd>
<tbd>
<tbd>
ns
tSPIDSU
SPI data set-up time
<tbd>
<tbd>
<tbd>
ns
tSPIDH
SPI data hold time
<tbd>
<tbd>
<tbd>
ns
tSPIQV
SPI data output valid time
<tbd>
<tbd>
<tbd>
ns
tSPIOH
SPI output data hold time
<tbd>
<tbd>
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com