Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3131 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 60Page - NXP Semiconductors LPC3131 Datasheet HTML 61Page - NXP Semiconductors LPC3131 Datasheet HTML 62Page - NXP Semiconductors LPC3131 Datasheet HTML 63Page - NXP Semiconductors LPC3131 Datasheet HTML 64Page - NXP Semiconductors LPC3131 Datasheet HTML 65Page - NXP Semiconductors LPC3131 Datasheet HTML 66Page - NXP Semiconductors LPC3131 Datasheet HTML 67Page - NXP Semiconductors LPC3131 Datasheet HTML 68Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 9 February 2009
Document identifier: LPC3130_3131_1
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
17. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Key features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Functional description . . . . . . . . . . . . . . . . . . 13
6.1
ARM926EJ-S . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.2
Memory map. . . . . . . . . . . . . . . . . . . . . . . . . . 14
6.3
JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.4
NAND flash controller . . . . . . . . . . . . . . . . . . . 15
6.5
Multi-Port Memory Controller (MPMC) . . . . . . 16
6.6
External Bus Interface (EBI) . . . . . . . . . . . . . . 17
6.7
Internal ROM Memory . . . . . . . . . . . . . . . . . . 17
6.8
Internal RAM memory. . . . . . . . . . . . . . . . . . . 18
6.9
Memory Card Interface (MCI) . . . . . . . . . . . . . 18
6.10
High-speed Universal Serial Bus 2.0
On-The-Go (OTG) . . . . . . . . . . . . . . . . . . . . . 19
6.11
DMA controller . . . . . . . . . . . . . . . . . . . . . . . . 19
6.12
Interrupt controller (INTC). . . . . . . . . . . . . . . . 20
6.13
Multi-layer AHB . . . . . . . . . . . . . . . . . . . . . . . . 21
6.14
APB bridge . . . . . . . . . . . . . . . . . . . . . . . . . . 23
6.15
Clock Generation Unit (CGU) . . . . . . . . . . . . . 23
6.16
Watchdog Timer (WDT) . . . . . . . . . . . . . . . . . 25
6.17
Input/Output configuration module
(IOCONFIG) . . . . . . . . . . . . . . . . . . . . . . . . . . 26
6.18
10-bit Analog-to-Digital Converter (ADC10B) . 26
6.19
Event router . . . . . . . . . . . . . . . . . . . . . . . . . . 27
6.20
Random number generator. . . . . . . . . . . . . . . 28
6.21
Serial Peripheral Interface (SPI) . . . . . . . . . . . 28
6.22
Universal Asynchronous Receiver
Transmitter (UART) . . . . . . . . . . . . . . . . . . . . . 28
6.23
Pulse Code Modulation (PCM) interface . . . . 29
6.24
LCD interface . . . . . . . . . . . . . . . . . . . . . . . . . 29
6.25
I2C-bus master/slave interface . . . . . . . . . . . . 30
6.26
LCD/NAND flash/SDRAM multiplexing . . . . . 30
6.26.1
Pin connections . . . . . . . . . . . . . . . . . . . . . . . 31
6.26.2
Multiplexing between LCD and MPMC . . . . . . 33
6.26.3
Supply domains . . . . . . . . . . . . . . . . . . . . . . . 34
6.27
Timer module . . . . . . . . . . . . . . . . . . . . . . . . . 34
6.28
Pulse Width Modulation (PWM) module . . . . . 34
6.29
System control registers . . . . . . . . . . . . . . . . . 35
6.30
I2S0/1 interfaces . . . . . . . . . . . . . . . . . . . . . . . 35
7
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 36
8
Static characteristics. . . . . . . . . . . . . . . . . . . . 37
9
Dynamic characteristics . . . . . . . . . . . . . . . . . 43
9.1
LCD controller . . . . . . . . . . . . . . . . . . . . . . . . 43
9.1.1
Intel 8080 mode . . . . . . . . . . . . . . . . . . . . . . . 43
9.1.2
Motorola 6800 mode . . . . . . . . . . . . . . . . . . . 44
9.1.3
Serial mode . . . . . . . . . . . . . . . . . . . . . . . . . . 45
9.2
SRAM controller . . . . . . . . . . . . . . . . . . . . . . . 46
9.3
SDRAM controller . . . . . . . . . . . . . . . . . . . . . 49
9.4
NAND flash memory controller. . . . . . . . . . . . 52
9.5
Crystal oscillator. . . . . . . . . . . . . . . . . . . . . . . 53
9.6
SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
9.6.1
Texas Instruments synchronous serial
mode (SSI mode) . . . . . . . . . . . . . . . . . . . . . . 56
9.7
I2S-bus interface. . . . . . . . . . . . . . . . . . . . . . . 57
9.8
I2C-bus interface. . . . . . . . . . . . . . . . . . . . . . . 58
9.9
USB interface . . . . . . . . . . . . . . . . . . . . . . . . . 59
9.10
10-bit ADC . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
10
Application information . . . . . . . . . . . . . . . . . 61
11
Marking. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 63
13
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 64
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . 66
15
Legal information . . . . . . . . . . . . . . . . . . . . . . 67
15.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 67
15.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
15.3
Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . 67
15.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 67
16
Contact information . . . . . . . . . . . . . . . . . . . . 67
17
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com