Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3131 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors LPC3131 Datasheet HTML 10Page - NXP Semiconductors LPC3131 Datasheet HTML 11Page - NXP Semiconductors LPC3131 Datasheet HTML 12Page - NXP Semiconductors LPC3131 Datasheet HTML 13Page - NXP Semiconductors LPC3131 Datasheet HTML 14Page - NXP Semiconductors LPC3131 Datasheet HTML 15Page - NXP Semiconductors LPC3131 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
12 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
[1]
When the SDRAM is used, the supply voltage of the NAND flash, SDRAM, and the LCD Interface must be the same, i.e. SUP4 and
SUP8 should be connected to the same rail. (See also Section 6.26.3.)
Table 5.
Supply domains
Supply
Domain
Voltage range
Related supply pins
Description
SUP1
1.0 V– 1.3 V
VDDI, VDDA12, USB_VDDA12_PLL, Digital core supply
SUP3
2.7 V - 3.3 V
VDDE_IOC, ADC10B_VDDA33,
USB_VDDA33_DRV, USB_VDDA33,
Peripheral supply
SUP4
1.65 V - 1.95 V (in 1.8 V
mode)
2.5 V - 3.1 V (in 2.8 V mode)
VDDE_IOA
Peripheral supply for NAND flash
interface
SUP5
4.5 V– 5.5 V
USB_VBUS
USB VBUS voltage
SUP8
1.65 V - 1.95 V (in 1.8 V
mode)
2.5 V - 3.1 V (in 2.8 V mode)
VDDE_IOB
Peripheral supply for
SDRAM/SRAM/bus-based LCD [1]
Table 6:
I/O pads
Cell type
Pad type
Function
Description
DIO1
bspts3chp
Digital Input/Output
Bidirectional 3.3 V; 3-state output; 3 ns slew rate control; plain
input; CMOS with hysteresis; programmable pull-up, pull-down,
repeater
DIO2
bpts5pcph
Digital Input/Output
Bidirectional 5 V; plain input; 3-state output; CMOS with
programmable hysteresis; programmable pull-up, pull-down,
repeater
DIO4
mem1
bsptz40pchp
Digital Input/Output
Bidirectional 1.8 V or 2.8 V; plain input; 3-state output;
programmable hysteresis; programmable pull-up, pull-down,
repeater
IICC
iic3m4scl
Digital Input/Output
I2C-bus; clock signal
IICD
iic3mvsda
Digital Input/Output
I2C-bus; data signal
AIO1
apio3v3
Analog Input/Output Analog input/output; protection to external 3.3 V supply rail
AIO2
apio
Analog Input/Output Analog input/output
AIO3
apiot5v
Analog Input/Output Analog input/output; 5 V tolerant pad-based ESD protection
CS1
vddco
Core Supply
-
CS2
vddi
Core Supply
-
PS1
vdde3v3
Peripheral Supply
-
PS2
vdde
Peripheral Supply
-
CG1
vssco
Core Ground
-
CG2
vssis
Core Ground
-
PG1
vsse
Peripheral Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com