Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 45Page - NXP Semiconductors P89LPC913 Datasheet HTML 46Page - NXP Semiconductors P89LPC913 Datasheet HTML 47Page - NXP Semiconductors P89LPC913 Datasheet HTML 48Page - NXP Semiconductors P89LPC913 Datasheet HTML 49Page - NXP Semiconductors P89LPC913 Datasheet HTML 50Page - NXP Semiconductors P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
49 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
8.27.4 Flash programming and erasing
Different methods of erasing or programming of the flash are available. The flash may be
programmed or erased in the end-user application (IAP-Lite) under control of the
application’s firmware. Another option is to use the ICP mechanism. This ICP system
provides for programming through a serial clock- serial data interface using a
commercially available EPROM programmer which supports this device. This device does
not provide for direct verification of code memory contents. Instead, this device provides a
32-bit CRC result on either a sector or the entire 1 kB of user code space.
8.27.5 In-circuit programming
ICP is performed without removing the microcontroller from the system. The ICP facility
consists of internal hardware resources to facilitate remote programming of the
P89LPC912/913/914 through a two-wire serial interface. The NXP ICP facility has made
in-circuit programming in an embedded application, using commercially available
programmers, possible with a minimum of additional expense in components and circuit
board area. The ICP function uses five pins. Only a small connector (with VDD,VSS, RST,
clock, and data signals) needs to be available to interface your application to a commercial
programmer in order to use this feature. Additional details may be found in the
P89LPC912/913/914
User manual.
8.27.6 In-application programming (IAP-Lite)
In-Application Programming is performed in the application under the control of the
microcontroller’s firmware. The IAP-Lite facility consists of internal hardware resources to
facilitate programming and erasing. The NXP In-Application Programming Lite has made
in-application programming in an embedded application possible without additional
components. This is accomplished through the use of four SFRs consisting of a
control/status register, a data register, and two address registers. Additional details may
be found in the P89LPC912/913/914
User manual.
8.27.7 Using flash as data storage
The flash code memory array of this device supports individual byte erasing and
programming. Any byte in the code memory array may be read using the MOVC
instruction, provided that the sector containing the byte has not been secured (a MOVC
instruction is not allowed to read code memory contents of a secured sector). Thus any
byte in a non-secured sector may be used for non-volatile data storage.
8.27.8 User configuration bytes
Some user-configurable features of the P89LPC912/913/914 must be defined at power-up
and therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1. Please see the P89LPC912/913/914
User manual for additional details.
8.27.9 User sector security bytes
There are four User Sector Security Bytes, each corresponding to one sector. Please see
the P89LPC912/913/914
User manual for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com