Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors P89LPC913 Datasheet HTML 54Page - NXP Semiconductors P89LPC913 Datasheet HTML 55Page - NXP Semiconductors P89LPC913 Datasheet HTML 56Page - NXP Semiconductors P89LPC913 Datasheet HTML 57Page - NXP Semiconductors P89LPC913 Datasheet HTML 58Page - NXP Semiconductors P89LPC913 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
55 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Table 15.
Dynamic characteristics (P89LPC912, P89LPC913)
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, −40 °C to +125 °C for extended, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc = 18 MHz
Unit
Min
Max
Min
Max
fosc(RC)
internal RC oscillator frequency
nominal
f = 7.3728 MHz
trimmed to
±1%
at Tamb =25 °C
7.189
7.557
7.189
7.557
MHz
fosc(WD)
internal watchdog oscillator
frequency
nominal
f = 400 kHz
320
520
320
520
kHz
Crystal oscillator
fosc
oscillator frequency
[2]
0
18
-
-
MHz
Tcy(clk)
clock cycle time
see Figure 25
55
-
-
-
ns
fCLKLP
low-power select clock
frequency
0
8
-
-
MHz
Glitch filter
tgr
glitch rejection
P1.5/RST pin
-
50
-
50
ns
any pin except
P1.5/RST
-
15
-
15
ns
tsa
signal acceptance
P1.5/RST pin
125
-
125
-
ns
any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
clock HIGH time
see Figure 25
22
Tcy(clk) − tCLCX
22
-
ns
tCLCX
clock LOW time
see Figure 25
22
Tcy(clk) − tCHCX
22
-
ns
tCLCH
clock rise time
see Figure 25
-5
-
5
ns
tCHCL
clock fall time
see Figure 25
-5
-
5
ns
SPI interface
fSPI
SPI operating frequency
3.0 MHz (slave)
0
CCLK
⁄6
0
3
MHz
4.5 MHz (master)
-
CCLK
⁄4
-
4.5
MHz
TSPICYC
SPI cycle time
see Figure 26,
27, 28, 29
slave
6
⁄CCLK
-
333
-
ns
master
4
⁄CCLK
-
222
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com