Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9515DP
Description  I2C-bus repeater
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9515DP Datasheet HTML 3Page - NXP Semiconductors PCA9515DP Datasheet HTML 4Page - NXP Semiconductors PCA9515DP Datasheet HTML 5Page - NXP Semiconductors PCA9515DP Datasheet HTML 6Page - NXP Semiconductors PCA9515DP Datasheet HTML 7Page - NXP Semiconductors PCA9515DP Datasheet HTML 8Page - NXP Semiconductors PCA9515DP Datasheet HTML 9Page - NXP Semiconductors PCA9515DP Datasheet HTML 10Page - NXP Semiconductors PCA9515DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PCA9515_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 23 April 2009
7 of 16
NXP Semiconductors
PCA9515
I2C-bus repeater
9.
Static characteristics
[1]
VIL specification is for the first LOW level seen by the SDAn/SCLn lines. VILc is for the second and subsequent LOW levels seen by the
SDAn/SCLn lines.
[2]
The SCLn/SDAn Ci is about 200 pF when VCC = 0 V. The PCA9515A should be used in applications where power is secured to the
repeater but an active bus remains on either set of SCLn/SDAn pins.
Table 5.
Static characteristics
VCC =3.0 V to 3.6 V; GND=0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCC
supply voltage
3.0
3.3
3.6
V
ICCH
HIGH-level supply current
both channels HIGH;
VCC = 3.6 V;
SDAn = SCLn = VCC
-
2.3
5
mA
ICCL
LOW-level supply current
both channels LOW;
VCC = 3.6 V; one SDA
and one SCL = GND,
other SDA and SCL open
-
2.3
5
mA
ICCLc
contention LOW-level supply current
VCC = 3.6 V;
SDAn = SCLn = GND
-
2.1
5
mA
Input SCLn; input/output SDAn
VIH
HIGH-level input voltage
0.7VCC
-
5.5
V
VIL
LOW-level input voltage
[1]
−0.5
-
+0.3VCC
V
VILc
contention LOW-level input voltage
[1]
−0.5
-
+0.4
V
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
−1-
+1
µA
IIL
LOW-level input current
SDA, SCL; VI = 0.2 V
-
-
10
µA
VOL
LOW-level output voltage
IOL = 0 mA or 6 mA
0.47
0.52
0.6
V
VOL−VILc
difference between LOW-level
output and LOW-level input voltage
contention
guaranteed by design
-
-
70
mV
ILOH
HIGH-level output leakage current
VO = 3.6 V
-
-
10
µA
Ci
input capacitance
VI = 3 V or 0 V
-
6
7[2]
pF
Enable input EN
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IIL
LOW-level input current
EN; VI = 0.2 V
-
10
30
µA
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI = 3.0 V or 0 V
-
6
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com