Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9515DP
Description  I2C-bus repeater
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9515DP Datasheet HTML 5Page - NXP Semiconductors PCA9515DP Datasheet HTML 6Page - NXP Semiconductors PCA9515DP Datasheet HTML 7Page - NXP Semiconductors PCA9515DP Datasheet HTML 8Page - NXP Semiconductors PCA9515DP Datasheet HTML 9Page - NXP Semiconductors PCA9515DP Datasheet HTML 10Page - NXP Semiconductors PCA9515DP Datasheet HTML 11Page - NXP Semiconductors PCA9515DP Datasheet HTML 12Page - NXP Semiconductors PCA9515DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PCA9515_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 23 April 2009
9 of 16
NXP Semiconductors
PCA9515
I2C-bus repeater
12. Package outline
Fig 9.
Package outline SOT96-1 (SO8)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.05
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
99-12-27
03-02-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com