Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9632DP2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9632DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 17Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 18Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 19Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
16 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
4. Once the SWRST Call address has been sent and acknowledged, the master sends
2 bytes with 2 specific values (SWRST data byte 1 and byte 2):
a. Byte 1 = A5h: the PCA9632 acknowledges this value only. If byte 1 is not equal to
A5h, the PCA9632 does not acknowledge it.
b. Byte 2 = 5Ah: the PCA9632 acknowledges this value only. If byte 2 is not equal to
5Ah, then the PCA9632 does not acknowledge it.
If more than 2 bytes of data are sent, the PCA9632 does not acknowledge any more.
5. Once the right 2 bytes (SWRST data byte 1 and byte 2 only) have been sent and
correctly acknowledged, the master sends a STOP command to end the SWRST Call:
the PCA9632 then resets to the default value (power-up value) and is ready to be
addressed again within the specified bus free time (tBUF).
The I2C-bus master must interpret a non-acknowledge from the PCA9632 (at any time) as
a ‘SWRST Call Abort’. The PCA9632 does not initiate a reset of its registers. This
happens only when the format of the SWRST Call sequence is not correct.
7.6 Using the PCA9632 with and without external drivers
The PCA9632 LED output drivers are 5.5 V only tolerant and can sink up to 25 mA at 5 V.
If the device needs to drive LEDs to a higher voltage and/or higher current, use of an
external driver is required.
• INVRT bit (MODE2 register) can be used to keep the LED PWM control firmware the
same (PWMx and GRPPWM values directly calculated from their respective formulas
and the LED output state determined by LEDOUT register value) independently of the
type of external driver.
• OUTDRV bit (MODE2 register) allows minimizing the amount of external components
required to control the external driver (N-type or P-type device).
[1]
Correct configuration when LEDs directly connected to the LEDn outputs (connection to VDD through current limiting resistor).
[2]
Optimum configuration when external N-type (NPN, NMOS) driver used.
[3]
Optimum configuration when external P-type (PNP, PMOS) driver used.
Table 14.
Use of INVRT and OUTDRV based on connection to the LEDn outputs
INVRT OUTDRV Direct connection to LEDn
External N-type driver
External P-type driver
Firmware
External
pull-up
resistor
Firmware
External
pull-up
resistor
Firmware
External
pull-up
resistor
0
0
formulas and LED
output state values
apply[1]
LED current
limiting R[1]
formulas and LED
output state
values inverted
required
formulas and LED
output state values
apply
required
0
1
formulas and LED
output state values
apply[1]
LED current
limiting R[1]
formulas and LED
output state
values inverted
not required formulas and LED
output state values
apply[3]
not
required[3]
1
0
formulas and LED
output state values
inverted
LED current
limiting R
formulas and LED
output state
values apply
required
formulas and LED
output state values
inverted
required
1
1
formulas and LED
output state values
inverted
LED current
limiting R
formulas and LED
output state
values apply[2]
not
required[2]
formulas and LED
output state values
inverted
not required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com