Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9632DP2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9632DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1.
General description
The PCA9632 is an I2C-bus controlled 4-bit LED driver optimized for
Red/Green/Blue/Amber (RGBA) color mixing applications. The PCA9632 is a drop-in
upgrade for the PCA9633 with 40
× power reduction. In Individual brightness control mode,
each LED output has its own 8-bit resolution (256 steps) fixed frequency Individual PWM
controller that operates at 1.5625 kHz with a duty cycle that is adjustable from 0 % to
99.6 % to allow the LED to be set to a specific brightness value. In group dimming mode,
each LED output has its own 6-bit resolution (64 steps) fixed frequency Individual PWM
controller that operates at 6.25 kHz with a duty cycle that is adjustable from 0 % to 98.4 %
to allow the LED to be set to a specific brightness value. A fifth 4-bit resolution (16 steps)
Group PWM controller has a fixed frequency of 190 Hz that is used to dim all the LEDs
with the same value.
While operating in the Blink mode, each LED output has its own 8-bit resolution
(256 steps) fixed frequency Individual PWM controller that operates at 1.5625 kHz with a
duty cycle that is adjustable from 0 % to 99.6 % to allow the LED to be set to a specific
brightness value. Blink rate is controlled by the Group frequency setting that has 8-bit
resolution (256 steps). The blink rate is adjustable between 24 Hz and once every
10.73 seconds. For Group frequency settings between 6 Hz and 24 Hz, the Group PWM
has a 6-bit resolution (64 steps) with a duty cycle that is adjustable from 0 % to 98.4 %.
For Group frequency settings between 6 Hz and 0.09 Hz (once in 10.73 seconds), the
Group PWM has an 8-bit resolution (256 steps) with a duty cycle that is adjustable from
0 % to 99.6 %.
Each LED output can be off, on (no PWM control), set at its Individual PWM controller
value or at both Individual and Group PWM controller values. The LED output driver is
programmed to be either open-drain with a 25 mA current sink capability at 5 V or
totem pole with a 25 mA sink, 10 mA source capability at 5 V. The PCA9632 operates with
a supply voltage range of 2.3 V to 5.5 V and the outputs are 5.5 V tolerant. LEDs can be
directly connected to the LED output (up to 25 mA, 5.5 V) or controlled with external
drivers and a minimum amount of discrete components for larger current or higher voltage
LEDs.
The PCA9632 is in the new Fast-mode Plus (Fm+) family. Fm+ devices offer higher
frequency (up to 1 MHz) and more densely populated bus operation (up to 4000 pF).
Software programmable LED Group and three Sub Call I2C-bus addresses allow all or
defined groups of PCA9632 devices to respond to a common I2C-bus address, allowing
for example, all red LEDs to be turned on or off at the same time or marquee chasing
effect, thus minimizing I2C-bus commands.
PCA9632
4-bit Fm+ I2C-bus low power LED driver
Rev. 03 — 15 July 2008
Product data sheet


Similar Part No. - PCA9632DP2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9632 NXP-PCA9632 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9632DP2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633 Datasheet
223Kb / 42P
4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com