Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9632DP2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9632DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
8 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
7.1.4 Software reset I2C-bus address
The address shown in Figure 7 is used when a reset of the PCA9632 needs to be
performed by the master. The Software Reset address (SWRST Call) must be used with
R/W = 0. If R/W = 1, the PCA9632 does not acknowledge the SWRST. See Section 7.5
“Software reset” for more detail.
Remark: The Software Reset I2C-bus address is a reserved address and cannot be used
as a regular I2C-bus slave address or as an LED All Call or LED Sub Call address.
7.2 Control register
Following the successful acknowledgement of the slave address, LED All Call address or
LED Sub Call address, the bus master will send a byte to the PCA9632, which will be
stored in the Control register.
The lowest 4 bits are used as a pointer to determine which register will be accessed
(D[3:0]). The highest 3 bits are used as Auto-Increment flag and Auto-Increment options
(AI[2:0]). Bit 4 is unused and must be programmed with zero (0) for proper device
operation.
When the Auto-Increment flag is set (AI2 = 1), the four low order bits of the Control
register are automatically incremented after a read or write. This allows the user to
program the registers sequentially. Four different types of Auto-Increment are possible,
depending on AI1 and AI0 values.
Fig 7.
Software reset address
0
002aab416
0
0
0
0
0
1
1
R/W
reset state = 80h
Remark: The Control register does not apply to the Software Reset I2C-bus address.
Fig 8.
Control register
002aab296
AI2
AI1
AI0
0
D3
D2
D1
D0
Auto-Increment flag
register address
Auto-Increment options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com