Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9632DP2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
9 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
Remark: Other combinations not shown in Table 4 (AI[2:0] = 001, 010, and 011) are
reserved and must not be used for proper device operation.
AI[2:0] = 000 is used when the same register must be accessed several times during a
single I2C-bus communication, for example, changes the brightness of a single LED. Data
is overwritten each time the register is accessed during a write operation.
AI[2:0] = 100 is used when all the registers must be sequentially accessed, for example,
power-up programming.
AI[2:0] = 101 is used when the four LED drivers must be individually programmed with
different values during the same I2C-bus communication, for example, changing color
setting to another color setting.
AI[2:0] = 110 is used when the LED drivers must be globally programmed with different
settings during the same I2C-bus communication, for example, global brightness or
blinking change.
AI[2:0] = 111 is used when individual and global changes must be performed during the
same I2C-bus communication, for example, changing a color and global brightness at the
same time.
Only the 4 least significant bits D[3:0] are affected by the AI[2:0] bits.
When the Control register is written, the register entry point determined by D[3:0] is the
first register that will be addressed (read or write operation), and can be anywhere
between 0000 and 1100 (as defined in Table 5). When AI[2] = 1, the Auto-Increment flag
is set and the rollover value at which the point where the register increment stops and
goes to the next one is determined by AI[2:0]. See Table 4 for rollover values. For
example, if the Control register = 1110 1000 (E8h), then the register addressing sequence
will be (in hex):
08
→ … → 0C → 00 → … → 07 → 02 → … → 07 → 02 → … → 07 → 02 → … as long
as the master keeps sending or reading data.
Table 4.
Auto-Increment options
AI2
AI1
AI0
Function
0
0
0
no Auto-Increment
1
0
0
Auto-Increment for all registers. D3, D2, D1, D0 roll over to ‘0000’ after
the last register (1100) is accessed.
1
0
1
Auto-Increment for Individual brightness registers only. D3, D2, D1, D0
roll over to ‘0010’ after the last register (0101) is accessed.
1
1
0
Auto-Increment for global control registers only. D3, D2, D1, D0 roll over
to ‘0110’ after the last register (0111) is accessed.
1
1
1
Auto-Increment for individual and global control registers only. D3, D2,
D1, D0 roll over to ‘0010’ after the last register (0111) is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com