Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143XM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA143XM
Description  PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143XM Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA143XM Datasheet HTML 1Page - NXP Semiconductors PDTA143XM Datasheet HTML 2Page - NXP Semiconductors PDTA143XM Datasheet HTML 3Page - NXP Semiconductors PDTA143XM Datasheet HTML 4Page - NXP Semiconductors PDTA143XM Datasheet HTML 5Page - NXP Semiconductors PDTA143XM Datasheet HTML 6Page - NXP Semiconductors PDTA143XM Datasheet HTML 7Page - NXP Semiconductors PDTA143XM Datasheet HTML 8Page - NXP Semiconductors PDTA143XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PDTA143X_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2007
4 of 12
NXP Semiconductors
PDTA143X series
PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
Ptot
total power dissipation
Tamb ≤ 25 °C
PDTA143XE
[1] -
150
mW
PDTA143XK
[1] -
250
mW
PDTA143XM
[2][3] -
250
mW
PDTA143XS
[1] -
500
mW
PDTA143XT
[1] -
250
mW
PDTA143XU
[1] -
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
PDTA143XE
[1] -
-
833
K/W
PDTA143XK
[1] -
-
500
K/W
PDTA143XM
[2][3] -
-
500
K/W
PDTA143XS
[1] -
-
250
K/W
PDTA143XT
[1] -
-
500
K/W
PDTA143XU
[1] -
-
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com