Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143XM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTA143XM
Description  PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143XM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTA143XM Datasheet HTML 2Page - NXP Semiconductors PDTA143XM Datasheet HTML 3Page - NXP Semiconductors PDTA143XM Datasheet HTML 4Page - NXP Semiconductors PDTA143XM Datasheet HTML 5Page - NXP Semiconductors PDTA143XM Datasheet HTML 6Page - NXP Semiconductors PDTA143XM Datasheet HTML 7Page - NXP Semiconductors PDTA143XM Datasheet HTML 8Page - NXP Semiconductors PDTA143XM Datasheet HTML 9Page - NXP Semiconductors PDTA143XM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PDTA143X_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2007
6 of 12
NXP Semiconductors
PDTA143X series
PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
VCE = −5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
VCE = −0.3 V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
VCE = −5V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 3.
On-state input voltage as a function of collector
current; typical values
Fig 4.
Off-state input voltage as a function of collector
current; typical values
006aaa202
IC (mA)
−10−1
−102
−10
−1
102
10
103
hFE
1
(1)
(2)
(3)
006aaa203
−102
−103
VCEsat
(mV)
−10
IC (mA)
−1
−102
−10
(1)
(2)
(3)
IC (mA)
−10−1
−102
−10
−1
006aaa204
−4
−6
−2
−8
−10
VI(on)
(V)
0
(1)
(2)
(3)
IC (mA)
−10−2
−10
(1)
(2)
(3)
−1
−10−1
006aaa205
−0.8
−1.2
−0.4
−1.6
−2.0
VI(off)
(V)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com