Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368ZCEF Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368ZCEF
Description  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 35Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 36Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 37Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 38Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 39Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 40Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 41Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 42Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
GIO5 /
B4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[05]
EMAC_RX_DV
EMAC
EMAC: Receive data valid input
GIO4 /
A4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[04]
EMAC_RX_ER
EMAC
EMAC: Receive error input
GIO3 /
C5
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[03]
EMAC_CRS
EMAC
EMAC: Carrier sense input
GIO2 / MDIO
C4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[02]
EMAC
EMAC: Management Data I/O
GIO1 / MDCLK
D6
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[01]
EMAC
EMAC: Management Data clock output
GIO0
B5
I/O/Z
GIO
VDDS33
IPD
Input
GIO: GIO[00]
USB_DP
N1
A I/O
USBPH
VDDA33_USB
USB D+ (differential signal pair)
Y
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to 3.3V .
USB_DM
P1
A I/O
USBPH
VDDA33_USB
USB D- (differential signal pair)
Y
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to VSS.
VDDA33_USB
P4
PWR
3.3-V USB analog power supply
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to 3.3V.
VSSA33_USB
P3
GND
3.3-V USB ground
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to VSS.
VDDA12LDO_USB
M5
PWR
Output
For proper device operation, even if the USB
peripheral is not used, a 0.22µF capacitor must be
connected as close as possible to the package, and
the capacitor mst be connected to VSSA.
VDDA18_USB
N5
PWR
1.8-V USB analog power supply
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to 1.8V.
VSSA18_USB
P2
GND
1.8-V USB ground
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to VSS.
USB_ID
M1
A I
USBPH
VDDA33_USB
USB operating mode identification pin.
Y
For device mode operation only, pull up this pin to
VDD with a 1.5K ohm resistor.
For host mode operation only, pull down this pin to
ground (VSS) with a 1.5K ohm resistor.
If using an OTG or mini-USB connector, this pin will
be set properly via the cable/connector configuration.
Note: If the USB peripheral is not used at all in the
application, this pin should be connected to 3.3V.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com