Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368ZCEF Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368ZCEF
Description  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 9Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 10Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 11Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 12Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 13Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 14Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 15Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 16Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
2.5
Power Management
The device is designed for minimal power consumption. There are two components to power
consumption: active power and leakage power. Active power is the power consumed to perform work and
scales with clock frequency and the amount of computations being performed. Active power can be
reduced by controlling the clocks in such a way as to either operate at a clock setting just high enough to
complete the required operation in the required time-line or to run at a clock setting until the work is
complete and then drastically cut the clocks (e.g. to PLL Bypass mode) until additional work must be
performed. Leakage power is due to static current leakage and occurs regardless of the clock rate.
Leakage, or standby power, is unavoidable while power is applied and scales roughly with the operating
junction temperatures. Leakage power can only be avoided by removing power completely from a device
or subsystem. The device includes several power management modes which are briefly described in
Table 2-2. See the TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number
SPRUFG5) for more information on power management.
Table 2-2. Power Management Conditions
GIO,
SPI,
POWER MGMT.
OTHER
DDR
CORE
OSC.
PLL
ARM926
UART,
PWM,
APPLICATION
PRTCSS
PERIPH.
CLOCK/
DESCRIPTION
POWER
POWER
CNTRLR.
CLOCK
I2C
TIMER
SCENARIO
CLOCKS
MODE
CLOCKS
CLOCKS
This condition
consumes the lowest
PRTCSS
Active
Off
Off
Off
Off
Off
Off
Off
Off
possible power, except
for the PRTCSS.
This mode consumes
the second lowest
Bypass
Suspend /
possible power, except
Mode
Deep Sleep Mode(1)
Active
On
Off
Off
Off
Off
Off
"Self-
for PRTCSS and core
(not
Refresh"
power, where only the
Active)
deep sleep circuit is on
in this mode.
This condition keeps
the minimum possible
modules powered-on
Suspend /
in order to wake up the
Bypass
Standby
Active
On
On
Off
On
Off
Off
"Self-
device. Clocks are
Mode
Refresh"
suspended except for
GIO (interrupts),
UART, and I2C (in
slave mode).
Most clocks are
suspended, except for
ARM, GIO, UART,
SPI, I2C, PWM, and
Suspend /
Low-power
Bypass
timers. Since ARM will
Active
On
On
On
On / Off
On / Off
On / Off
"Self-
(PLL Bypass Mode)
Mode
not have access to
Refresh"
DDR, its internal
Cache will be either
frozen or not
accessed.
The device, including
Nominal
system PLLs, are on.
System Running
Active
On
On
PLL Mode
On
On / Off
On / Off
On / Off
Clock /
This condition
(PLL Mode)
Operation
conserves the least
amount of power.
(1)
For more details, see TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5)
Copyright © 2010, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com