Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368ZCEF Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368ZCEF
Description  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 18Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 19Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 20Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 21Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 22Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 23Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 24Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 25Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 208 page
background image
TMS320DM368
SPRS668A – APRIL 2010
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
CIN1(5)
A18
I/O
ISIF
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[1]
YCC 16-bit: time multiplexed between chroma:
CB/CR[01]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the upper channel. Y/CB/CR[01]
CIN0(5)
B17
I/O
ISIF
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[0]
YCC 16-bit: time multiplexed between chroma:
CB/CR[00]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the upper channel. Y/CB/CR[00]
YIN7(5) / GIO103
C12
I/O
ISIF/
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[15]
/SPI3_SCLK
GIO /
SPI3
YCC 16-bit: time multiplexed between luma: Y[07]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[07]
GIO: GIO[103]
SPI3: Clock
YIN6(5) / GIO102
A13
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[14]
/SPI3_SIMO
GIO /
SPI3
YCC 16-bit: time multiplexed between luma: Y[06]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[06]
GIO: GIO[102]
SPI3: Slave Input Master Output Data Signal
YIN5(6) / GIO101
B13
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[13]
/SPI3_SCS[0]
GIO /
SPI3
YCC 16-bit: time multiplexed between luma: Y[05]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[05]
GIO: GIO[101]
SPI3: Chip Select 0
YIN4(6) / GIO100 /
D12
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[12]
SPI3_SOMI /
GIO /
SPI3_SCS[1]
SPI3
YCC 16-bit: time multiplexed between luma: Y[04]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[04]
GIO: GIO[100]
SPI3: Slave Output Master Input Data Signal
SPI3: Chip Select 1
(6)
The Y input (YIN[7:0]) and C input (CIN[7:0]) buses can be swapped by programming the field bit YCINSWP in the VPFE CCD
Configuration (CCDCFG) register (0x01C7 0136h).
IF YCINSWP bit is 0 (default) YIN[7:0] = Y signal / CIN[7:0] = C signal .
IF YCINSWP bit is 1 YIN[7:0] = C signal / CIN[7:0] = Y signal
For more information, see the TMS320DM36x Video Processing Front End (VPFE) Reference Guide (literature number SPRUFG8).
22
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com