Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F03 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fHIRC
System Clock
(HIRC)
3V/5V
Ta=25
°C
-2%
4
+2%
MHz
3V/5V
Ta=25
°C
-2%
8
+2%
MHz
5V
Ta=25
°C
-2%
12
+2%
MHz
3V/5V
Ta=0~70
°C
-5%
4
+5%
MHz
3V/5V
Ta=0~70
°C
-5%
8
+4%
MHz
5V
Ta=0~70
°C
-5%
12
+3%
MHz
2.2V~
3.6V
Ta=0~70
°C
-7%
4
+7%
MHz
3.0V~
5.5V
Ta=0~70
°C
-5%
4
+9%
MHz
2.2V~
3.6V
Ta=0~70
°C
-6%
8
+4%
MHz
3.0V~
5.5V
Ta=0~70
°C
-4%
8
+9%
MHz
3.0V~
5.5V
Ta=0~70
°C
-6%
12
+7%
MHz
2.2V~
3.6V
Ta=
-40°C~85°C
-12%
4
+8%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-10%
4
+9%
MHz
2.2V~
3.6V
Ta=
-40°C~85°C
-15%
8
+5%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-8%
8
+9%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
12
+7%
MHz
fLXT
System Clock (LXT)
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency (TMR)
2.2~
5.5V
¾
2
¾
8
MHz
2.7~
5.5V
¾
2
¾
10
MHz
3.3~
5.5V
¾
2
¾
12
MHz
4.5~
5.5V
¾
2
¾
16
MHz
fLIRC
System Clock (LIRC)
5V
Ta=25
°C
-10%
32
+10%
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
tSYS
tLVR
Low Voltage Width to Reset
¾
(for verify)
120
240
480
ms
tLVD
Low Voltage Width to Interrupt
¾¾
1
¾
2
tSUB
tLVDS
LVDO stable time
¾
For all VLVD, LVR disable
15
¾¾
ms
tBGS
V125 Turn on Stable Time
¾¾
10
¾¾
ms
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
11
April 16, 2010
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com