Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R063 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.30
46
June 11, 2010
plimentary pair PFD and PFD for those devices with
dual outputs.
The Timer/Event Counter overflow signal is the clock
source for the PFD function, which is controlled by
PFDCS bit in CTRL0. For applicable devices the clock
source can come from either Timer/Event Counter 0 or
Timer/Event Counter 1. The output frequency is con-
trolled by loading the required values into the timer
prescaler and timer registers to give the required divi-
sion ratio. The counter will begin to count-up from this
preload register value until full, at which point an over-
flow signal is generated, causing both the PFD and PFD
outputs to change state. The counter will then be auto-
matically reloaded with the preload register value and
continue counting-up.
If the CTRL0 register has selected the PFD function,
then for both PFD outputs to operate, it is essential for
the Port A control register PAC, to setup the PFD pins as
outputs. If only one pin is setup as an output, the other
pin can still be used as a normal data input pin. How-
ever, if both pins are setup as inputs then the PFD will
not function. For devices with dual outputs the PFD out-
puts will only be activated if bit PA0 is set high. For de-
vices with a single PFD output, bit PA1 must be set high
to activate the PFD. These output data bits can be used
as the on/off control bit for the PFD outputs. Note that
the PFD outputs will all be low if the output data bit is
cleared to zero.
Using this method of frequency generation, and if a
crystal oscillator is used for the system clock, very pre-
cise values of frequency can be generated.
T i m e r O v e r f l o w
P F D C l o c k
P A 1 D a t a
P F D O u t p u t a t P A 1
PFD Function
· HT48R0662/HT48R067
T i m e r O v e r f l o w
P F D C l o c k
P A 0 D a t a
P F D O u t p u t a t P A 0
PFD Function - Single Output
T i m e r O v e r f l o w
P F D C l o c k
P A 0 o r P A 1 D a t a
P F D O u t p u t a t P A 0
P F D O u t p u t a t P A 1
PFD Function - Complementary Outputs
· HT48R063/HT48R064/HT48R065/HT48R066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com