Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R063 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.30
22
June 11, 2010
System Control Registers
- CTRL0, CTRL1, CTRL2
These registers are used to provide control over various internal functions. Some of these include the PFD control,
PWM control, certain system clock options, the LXT Oscillator low power control, external Interrupt edge trigger type,
Watchdog Timer enable function, Time Base function division ratio, and the LXT oscillator enable control.
· CTRL0 Register
¨ HT48R063/HT48R064/HT48R065
Bit
76543210
Name
¾¾¾¾
PFDEN1
PFDEN0
LXTLP
CLKMOD
R/W
¾¾¾¾
R/W
R/W
R/W
R/W
POR
¾¾¾¾
0000
¨ HT48R066
Bit
76543210
Name
¾
PFDCS
¾¾
PFDEN1
PFDEN0
LXTLP
CLKMOD
R/W
¾
R/W
¾¾
R/W
R/W
R/W
R/W
POR
¾
0
¾¾
0000
Bit 7, 5, 4
Unimplemented, read as
²0²
Bit 6
PFDCS: PFD clock source
0: timer0
1: timer1
Bit 3,2
PFDEN1, PFDEN0: PFD/PFD enable/disable
00: both disables
01: Reserved
10: PFD enable
11: PFD and PFD both enabled
when PFD or PFD is disabled, the related pin will have a normal I/O function.
Bit 1
LXTLP: LXT oscillator low power control function
0: LXT Oscillator quick start-up mode
1: LXT Oscillator Low Power Mode
Bit 0
CLKMOD: system clock mode selection.
0: High speed - HIRC used as system clock
1: Low speed - LXT used as system clock, HIRC oscillator stopped.
For HT48R063/064/065/066, these selections are only valid if the oscillator configuration options
have selected the HIRC+LXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com