Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R67 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT56R67 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Pin Description
The following table depicts the pins common to all devices.
Pin Name
I/O
Configuration
Option
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4/TMR2
PA5/TMR3
PA6~PA7
I/O
BZ/BZ
PFD
Bidirectional 8-bit input/output port. Each individual bit on this port can be
configured as a wake-up input using the PAWU register. Software instruc-
tions determine if the pin is a CMOS output or Schmitt trigger input. A
pull-high resistor can be connected to each pin using the PAPU register. Pins
PA0, PA1, PA3, PA4 and PA5 are shared with BZ, BZ, PFD, TMR2 and
TMR3 respectively, the function of which is chosen via configuration option.
Pins PA0~PA3 can also be setup as open drain pins using the MISC register.
PB0/AN0~
PB7/AN7
I/O
¾
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A pull-high resistor can be con-
nected to each pin using the PBPU register. PB is pin-shared with the A/D in-
put pins. The A/D inputs are selected via software instructions. Once
selected as an A/D input, the I/O function and pull-high resistor selections are
disabled automatically.
PD0/PWM0~
PD3/PWM3
PD4/INT0
PD5/INT1
PD6/TMR0
PD7/TMR1
I/O
¾
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A pull-high resistor can be con-
nected to each pin using the PDPU register. The PWM outputs,
PWM0~PWM3, are pin shared with pins PD0~PD3, the function of which is
chosen using the PWM registers. Pins PD4~PD7 are pin-shared with INT0,
INT1, TMR0 and TMR1 respectively.
OSC1
OSC2
I
O
Crystal or RC
or EC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency. EC is external clock mode, we can input clock
source directly to OSC1 pin.
OSC3
OSC4
I
O
32768Hz
OSC3 and OSC4 are connected to a 32768Hz crystal oscillator to form a real
time clock for fSUB. This 32768Hz crystal is disabled/enabled by configuration
option.
VREF
I
¾
A/D reference voltage input pin
RES
I
¾
Schmitt Trigger reset input. Active low
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
AVDD
¾¾
Analog positive power supply
AVSS
¾¾
Analog negative power supply, ground
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
5
March 4, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com