Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R67 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
44
March 4, 2010
first is to ensure that the Operating Mode Select bits in
the Timer Control Register place the Timer/Event Coun-
ter in the Pulse Width Measurement Mode, the second
is to ensure that the port control register configures the
pin as an input.
Programmable Frequency Divider
- PFD
The Programmable Frequency Divider provides a
means of producing a variable frequency output suitable
for applications requiring a precise frequency generator.
The PFD output is pin-shared with the I/O pin PA3. The
PFD function is selected via configuration option, how-
ever, if not selected, the pin can operate as a normal I/O
pin.
The clock source for the PFD circuit can originate from
either Timer/Event Counter 0 or Timer/Event Counter 1
overflow signal selected via configuration option. The
output frequency is controlled by loading the required
values into the timer registers and prescaler registers to
give the required division ratio. The timer will begin to
count-up from this preload register value until full, at
which point an overflow signal is generated, causing the
PFD output to change state. The timer will then be auto-
matically reloaded with the preload register value and
continue counting-up.
For the PFD output to function, it is essential that the corre-
sponding bit of the Port A control register PAC bit 3 is setup
as an output. If setup as an input the PFD output will not
function, however, the pin can still be used as a normal in-
put pin. The PFD output will only be activated if bit PA3 is
set to
²1². This output data bit is used as the on/off control
bit for the PFD output. Note that the PFD output will be low
if the PA3 output data bit is cleared to
²0².
Using this method of frequency generation, and if a
crystal oscillator is used for the system clock, very pre-
cise values of frequency can be generated.
Prescaler
Bits TnPSC0~TnPSC2 of the control register can be
used to define the pre-scaling stages of the internal
clock source of the Timer/Event Counter. The
Timer/Event Counter overflow signal can be used to
generate signals for the PFD and Timer Interrupt.
I/O Interfacing
The Timer/Event Counter, when configured to run in the
event counter or pulse width measurement mode, re-
quire the use of external pins for correct operation. As
these pins are shared pins they must be configured cor-
rectly to ensure they are setup for use as Timer/Event
Counter inputs and not as a normal I/O pins. This is im-
plemented by ensuring that the mode select bits in the
Timer/Event Counter control register, select either the
event counter or pulse width measurement mode. Addi-
tionally the Port Control Register must be set high to en-
sure that the pin is setup as an input. Any pull-high
resistor on these pins will remain valid even if the pin is
used as a Timer/Event Counter input.
Timer/Event Counter Pins Internal Filter
The external Timer/Event Counter pins are connected to
an internal filter to reduce the possibility of unwanted
event counting events or inaccurate pulse width mea-
surements due to adverse noise or spikes on the exter-
nal Timer/Event Counter input signal. As this internal
filter circuit will consume a limited amount of power, a
configuration option is provided to switch off the filter
function, an option which may be beneficial in power
sensitive applications, but in which the integrity of the in-
put signal is high. Care must be taken when using the fil-
ter on/off configuration option as it will be applied not
only to both external Timer/Event Counter pins but also
to the external interrupt input pins. Individual
Timer/Event Counter or external interrupt pins cannot
be selected to have a filter on/off function.
T i m e r O v e r f l o w
P F D C l o c k
P A 3 D a t a
P F D O u t p u t a t P A 3
PFD Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com