Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R67 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
35
March 4, 2010
C O M 0
C O M 1
S E G 0
V S S
V D D
S E G 1
C O M 2
C O M 3
0
1
2
3
0
1
2
3
V S S
V D D
V S S
V D D
V S S
V D D
V S S
V D D
V S S
V D D
LED 1/4 Duty, COM High Active, SEG Low Active, Normal Operation
C O M 0 s e g m e n t s O N
C O M 1 s e g m e n t s O N
A l l s e g m e n t s O N
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
C O M 0
C O M 1
A l l s e g m e n t s O F F
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
N o r m a l O p e r a t i o n M o d e
C O M 0 , C O M 1
A l l s e g m e n t o u t p u t s
V A
V B
V S S
V A
V B
V S S
1 F r a m e
D u r i n g R e s e t o r i n H A L T M o d e
Note: For 1/2 Bias, VA=VLCD1, VB=VLCD1
´1/2 for both R and C type.
LCD Driver Output
- Type A - 1/2 Duty, 1/2 Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com