Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R67 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT56R67 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
HT56R67/HT56R668/HT56C668
HT56R678/HT56C678/HT56R688
TinyPowerTM A/D Type with LCD 8-Bit MCU
Rev. 1.20
1
March 4, 2010
General Description
These TinyPower
TM A/D Type with LCD 8-bit high perfor-
mance RISC architecture microcontrollers are specifi-
cally, designed for applications that interface directly to
analog signals and which require an LCD or LED inter-
face. The devices include an integrated multi-channel An-
alog to Digital Converter, Pulse Width Modulation outputs
and an LCD/LED driver.
With their fully integrated SPI and I
2C functions, design-
ers are provided with a means of easy communication
with external peripheral hardware. The benefits of inte-
grated A/D, LCD, and PWM functions, in addition to low
power consumption, high performance, I/O flexibility
and low-cost, provides the device with the versatility for
a wide range of products in the home appliance and in-
dustrial application areas. Some of these products
could include electronic metering, environmental moni-
toring, handheld instruments, electronically controlled
tools, motor driving in addition to many others.
The unique Holtek TinyPower technology also gives the
devices extremely low current consumption characteris-
tics, an extremely important consideration in the present
trend for low power battery powered applications. The
usual Holtek MCU features such as power down and
wake-up functions, oscillator options, programmable
frequency divider, etc. combine to ensure user applica-
tions require a minimum of external components.
Mask type devices, the HT56C668 and HT56C678, are
also available for volume production products.
Features
· Operating voltage:
fSYS=100kHz: 2.2V~5.5V
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.0V~5.5V
fSYS=12MHz: 4.5V~5.5V
· Operating current:
fSYS=1MHz at 3V, 170
mA, typ.
· OTP Program Memory: 16K´16 ~ 48K´16
· RAM Data Memory: 2304´8
· 24 to 32 bidirectional I/O lines
· TinyPower technology for low power operation
· Three pin-shared external interrupts lines
· Multiple programmable Timer/Event Counters
with overflow interrupt and 7-stage prescaler
· External Crystal, RC and 32768 XTAL oscillators
· Fully integrated RC 32kHz oscillator
· Externally supplied system clock option
· Watchdog Timer function
· PFD/Buzzer for audio frequency generation
· Dual Serial Interfaces: SPI and I2C
· LCD and LED driver function
· 4 operating modes: normal, slow, idle and sleep
· 8-channel 12-bit resolution A/D converter
· 4-channel 12-bit PWM outputs
· Low voltage reset function: 2.1V, 3.15V, 4.2V
· Low voltage detect function: 2.2V, 3.3V, 4.4V
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Multiple level subroutine nesting
· All instructions executed in one or two machine
cycles
· Power down and wake-up functions to reduce power
consumption
· Wide range of available package types
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT56R67

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009
HT56R678 HOLTEK-HT56R678 Datasheet
810Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009
HT56R678 HOLTEK-HT56R678_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
More results

Similar Description - HT56R67

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT67F30 HOLTEK-HT67F30 Datasheet
6Mb / 242P
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
December 26, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com